| Electronic Components Datasheet Search |
|
LPC810M021FN8 Datasheet(PDF) 102 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 Datasheet(HTML) 102 Page - NXP Semiconductors |
|
102 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 102 of 313 NXP Semiconductors UM10601 Chapter 9: LPC800 Switch matrix • If you want to assign a GPIO pin to a pin on any LPC800 package, disable any special function available on this pin in the PINENABLE0 register and do not assign any movable function to it. By default, all pins except pins PIO0_2, PIO0_3, and PIO0_5 are assigned to GPIO. • For all other functions that are not in the table of movable functions, do the following: a. Locate the function in the pin description table in the data sheet. This shows the package pin for this function. b. Enable the function in the PINENABLE0 register. All other possible functions on this pins are now disabled. 9.4 General description The switch matrix connects internal signals (functions) to external pins. Functions are signals coming from or going to a single pin on the package and coming from or going to an on-chip peripheral block. Examples of functions are the GPIOs, the UART transmit output (TXD), or the clock output CLKOUT. Many peripherals have several functions that must be connected to external pins. On the LPC800, most functions can be assigned through the switch matrix to any external pin that is not a power or ground pin. These functions are called movable functions. A few functions like the crystal oscillator pins (XTALIN/XTALOUT) or the analog comparator inputs can only be assigned to one particular external pin with the appropriate electrical characteristics. These functions are called fixed-pin functions. If a fixed-pin function is not used, it can be replaced by any other movable function. GPIOs are fixed-pin functions. Each GPIO is assigned to one and only one external pin. By default, all external pins have the GPIO function assigned. External pins are therefore identified by their fixed-pin GPIO function. 9.4.1 Movable functions Table 94. Movable functions (assign to pins PIO0_0 to PIO_17 through switch matrix) Function name Type Description SWM Pin assign register Reference U0_TXD O Transmitter output for USART0. PINASSIGN0 Table 96 U0_RXD I Receiver input for USART0. PINASSIGN0 Table 96 U0_RTS O Request To Send output for USART0. PINASSIGN0 Table 96 U0_CTS I Clear To Send input for USART0. PINASSIGN0 Table 96 U0_SCLK I/O Serial clock input/output for USART0 in synchronous mode. PINASSIGN1 Table 97 U1_TXD O Transmitter output for USART1. PINASSIGN1 Table 97 U1_RXD I Receiver input for USART1. PINASSIGN1 Table 97 U1_RTS O Request To Send output for USART1. PINASSIGN1 Table 97 U1_CTS I Clear To Send input for USART1. PINASSIGN2 Table 98 U1_SCLK I/O Serial clock input/output for USART1 in synchronous mode. PINASSIGN2 Table 98 U2_TXD O Transmitter output for USART2. PINASSIGN2 Table 98 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |