Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 94Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 95Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 96Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 97Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 98Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 99Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 100Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 101Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
98 of 313
NXP Semiconductors
UM10601
Chapter 8: LPC800 Pin interrupts/pattern match engine
8.7 Functional description
8.7.1 Pin interrupts
In this interrupt facility, up to 8 pins are identified as interrupt sources by the Pin Interrupt
Select registers (PINTSEL0-7). All registers in the pin interrupt block contain 8 bits,
corresponding to the pins called out by the PINTSEL0-7 registers. The ISEL register
defines whether each interrupt pin is edge- or level-sensitive. The RISE and FALL
registers detect edges on each interrupt pin, and can be written to clear (and set) edge
detection. The IST register indicates whether each interrupt pin is currently requesting an
interrupt, and this register can also be written to clear interrupts.
The other pin interrupt registers play different roles for edge-sensitive and level-sensitive
pins, as described in Table 93.
31:29 CFG7
Specifies the match-contribution condition for bit slice 7.
0b000
0x0
Constant 1. This bit slice always contributes to a product term match.
0x1
Rising edge. Match occurs if a rising edge on the specified input has occurred since
the last time the edge detection for this bit slice was cleared.
This bit is only
cleared when the PMCFG or the PMSRC registers are written to.
0x2
Falling edge. Match occurs if a falling edge on the specified input has occurred since
the last time the edge detection for this bit slice was cleared.
This bit is only
cleared when the PMCFG or the PMSRC registers are written to.
0x3
Rising or falling edge. Match occurs if either a rising or falling edge on the specified
input has occurred since the last time the edge detection for this bit slice was
cleared.
This bit is only cleared when the PMCFG or the PMSRC registers
are written to.
0x4
High level. Match (for this bit slice) occurs when there is a high level on the input
specified for this bit slice in the PMSRC register.
0x5
Low level. Match occurs when there is a low level on the specified input.
0x6
Constant 0. This bit slice never contributes to a match (should be used to disable
any unused bit slices)
0x7
Event. Match occurs on an event - i.e. when either a rising or falling edge is first
detected on the specified input (this is a non-sticky version of option 3)
Table 92.
Pattern match bit slice configuration register (PMCFG, address 0x4004 C030) bit description …continued
Bit
Symbol
Value
Description
Reset
value
Table 93.
Pin interrupt registers for edge- and level-sensitive pins
Name
Edge-sensitive function
Level-sensitive function
IENR
Enables rising-edge interrupts.
Enables level interrupts.
SIENR
Write to enable rising-edge interrupts.
Write to enable level interrupts.
CIENR
Write to disable rising-edge interrupts.
Write to disable level interrupts.
IENF
Enables falling-edge interrupts.
Selects active level.
SIENF
Write to enable falling-edge interrupts.
Write to select high-active.
CIENF
Write to disable falling-edge interrupts.
Write to select low-active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com