Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 17Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 18Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 19Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 20Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 21Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 22Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
19 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.1 System memory remap register
The system memory remap register selects whether the exception vectors are read from
boot ROM, flash, or SRAM. By default, the flash memory is mapped to address 0x0000
0000. When the MAP bits in the SYSMEMREMAP register are set to 0x0 or 0x1, the boot
ROM or RAM respectively are mapped to the bottom 512 bytes of the memory map
(addresses 0x0000 0000 to 0x0000 0200).
4.6.2 Peripheral reset control register
The PRESETCTRL register allows software to reset specific peripherals. A zero in any
assigned bit in this register resets the specified peripheral. A 1 clears the reset and allows
the peripheral to operate.
PDSLEEPCFG
R/W
0x230
Power-down states in deep-sleep mode
0xFFFF
Table 35
PDAWAKECFG
R/W
0x234
Power-down states for wake-up from
deep-sleep
0xEDF0
Table 36
PDRUNCFG
R/W
0x238
Power configuration register
0xEDF0
Table 37
DEVICE_ID
R
0x3F4
Device ID
part dependent Table 38
Table 5.
Register overview: System configuration (base address 0x4004 8000) …continued
Name
Access
Offset
Description
Reset value
Reference
Table 6.
System memory remap register (SYSMEMREMAP, address 0x4004 8000) bit
description
Bit
Symbol
Value
Description
Reset
value
1:0
MAP
System memory remap. Value 0x3 is reserved.
0x2
0x0
Boot Loader Mode. Interrupt vectors are re-mapped to Boot
ROM.
0x1
User RAM Mode. Interrupt vectors are re-mapped to Static
RAM.
0x2
User Flash Mode. Interrupt vectors are not re-mapped and
reside in Flash.
31:2
-
-
Reserved
-
Table 7.
Peripheral reset control register (PRESETCTRL, address 0x4004 8004) bit
description
Bit
Symbol
Value
Description
Reset
value
0
SPI0_RST_N
SPI0 reset control
1
0
Assert the SPI0 reset.
1
Clear the SPI0 reset.
1
SPI1_RST_N
SPI1 reset control
1
0
Assert the SPI1 reset.
1
Clear the SPI1 reset.
2
UARTFRG_RST_N
USART fractional baud rate generator
(UARTFRG) reset control
1
0
Assert the UARTFRG reset.
1
Clear the UARTFRG reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com