Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 37Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 38Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 39Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
41 of 313
5.1 How to read this chapter
The LPC800 provides an on-chip API in the boot ROM to optimize power consumption in
active and sleep modes. See Table 247 “Power profile API calls”.
Read this chapter to configure the reduced power modes Deep-sleep mode, Power-down
mode, and Deep power-down mode.
5.2 Features
• Reduced power modes control
• Low-power oscillator control
• Four general purpose backup registers to retain data in Deep power-down mode
5.3 Basic configuration
The PMU is always on as long as VDD is present.
5.4 Pin description
The LPC800 has no configurable pins. In Deep power-down only the WAKEUP pin (pin
PIO0_4) is functional. The WAKEUP function can be disabled in the DPDCTRL register to
lower the power consumption even more. In this case enable the self wake-up timer to
provide an internal wake-up signal. See Section 5.6.3 “Deep power-down control
register”.
Remark:
When entering Deep power-down mode, an external pull-up resistor is required
on the WAKEUP pin to hold it HIGH. Pull the RESET pin HIGH to prevent it from floating
while in Deep power-down mode.
5.5 General description
Power on the LPC800 is controlled by the PMU, by the SYSCON block, and the ARM
Cortex-M0+ core. The following reduced power modes are supported in order from
highest to lowest power consumption:
1. Sleep mode:
The sleep mode affects the ARM Cortex-M0 core only. Peripherals and memories are
active.
2. Deep-sleep and power-down modes:
The Deep-sleep and power-down modes affect the core and the entire system with
memories and peripherals.
UM10601
Chapter 5: LPC800 Reduced power modes and Power
Management Unit (PMU)
Rev. 1.0 — 7 November 2012
Preliminary user manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com