Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 18Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 19Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 20Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 21Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 22Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 23Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 24Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 25Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
22 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.6 Watchdog oscillator control register
This register configures the watchdog oscillator. The oscillator consists of an analog and a
digital part. The analog part contains the oscillator function and generates an analog clock
(Fclkana). With the digital part, the analog output clock (Fclkana) can be divided to the
required output clock frequency wdt_osc_clk. The analog output frequency (Fclkana) can
be adjusted with the FREQSEL bits between 600 kHz and 4.6 MHz. With the digital part
Fclkana will be divided (divider ratios = 2, 4,...,64) to wdt_osc_clk using the DIVSEL bits.
The output clock frequency of the watchdog oscillator can be calculated as
wdt_osc_clk = Fclkana/(2
 (1 + DIVSEL)) = 9.3 kHz to 2.3 MHz (nominal values).
Remark:
Any setting of the FREQSEL bits will yield a Fclkana value within
40% of the
listed frequency value. The watchdog oscillator is the clock source with the lowest power
consumption. If accurate timing is required, use the IRC or system oscillator.
Remark:
The frequency of the watchdog oscillator is undefined after reset. The watchdog
oscillator frequency must be programmed by writing to the WDTOSCCTRL register before
using the watchdog oscillator.
Table 11.
Watchdog oscillator control register (WDTOSCCTRL, address 0x4004 8024) bit
description
Bit
Symbol
Value
Description
Reset
value
4:0
DIVSEL
Select divider for Fclkana.
wdt_osc_clk = Fclkana/ (2
 (1 + DIVSEL))
00000: 2
 (1 + DIVSEL) = 2
00001: 2
 (1 + DIVSEL) = 4
to
11111: 2
 (1 + DIVSEL) = 64
0
8:5
FREQSEL
Select watchdog oscillator analog output frequency
(Fclkana).
0x00
0x1
0.6 MHz
0x2
1.05 MHz
0x3
1.4 MHz
0x4
1.75 MHz
0x5
2.1 MHz
0x6
2.4 MHz
0x7
2.7 MHz
0x8
3.0 MHz
0x9
3.25 MHz
0xA
3.5 MHz
0xB
3.75 MHz
0xC
4.0 MHz
0xD
4.2 MHz
0xE
4.4 MHz
0xF
4.6 MHz
31:9
-
-
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com