Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 84Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 85Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 86Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 87Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 88Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 89Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 90Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 91Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
88 of 313
NXP Semiconductors
UM10601
Chapter 8: LPC800 Pin interrupts/pattern match engine
8.6.5 Pin interrupt active level or falling edge interrupt enable register
For each of the 8 pin interrupts selected in the PINTSELn registers (see Section 4.6.27),
one bit in the IENF register enables the falling edge interrupt or the configures the level
sensitivity depending on the pin interrupt mode configured in the ISEL register:
• If the pin interrupt mode is edge sensitive (PMODE = 0), the falling edge interrupt is
enabled.
• If the pin interrupt mode is level sensitive (PMODE = 1), the active level of the level
interrupt (HIGH or LOW) is configured.
8.6.6 Pin interrupt active level or falling edge interrupt set register
For each of the 8 pin interrupts selected in the PINTSELn registers (see Section 4.6.27),
one bit in the SIENF register sets the corresponding bit in the IENF register depending on
the pin interrupt mode configured in the ISEL register:
• If the pin interrupt mode is edge sensitive (PMODE = 0), the falling edge interrupt is
set.
• If the pin interrupt mode is level sensitive (PMODE = 1), the HIGH-active interrupt is
selected.
Table 83.
Pin interrupt level or rising edge interrupt clear register (CIENR, address 0xA000
400C) bit description
Bit
Symbol
Description
Reset
value
Access
7:0
CENRL
Ones written to this address clear bits in the IENR, thus
disabling the interrupts. Bit n clears bit n in the IENR
register.
0 = No operation.
1 = Disable rising edge or level interrupt.
NA
WO
31:8
-
Reserved.
-
-
Table 84.
Pin interrupt active level or falling edge interrupt enable register (IENF, address
0xA000 4010) bit description
Bit
Symbol Description
Reset
value
Access
7:0
ENAF
Enables the falling edge or configures the active level interrupt
for each pin interrupt. Bit n configures the pin interrupt selected
in PINTSELn.
0 = Disable falling edge interrupt or set active interrupt level
LOW.
1 = Enable falling edge interrupt enabled or set active interrupt
level HIGH.
0R/W
31:8 -
Reserved.
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com