| Electronic Components Datasheet Search |
|
LPC810M021FN8 Datasheet(PDF) 103 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 Datasheet(HTML) 103 Page - NXP Semiconductors |
|
103 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 103 of 313 NXP Semiconductors UM10601 Chapter 9: LPC800 Switch matrix 9.4.2 Switch matrix register interface The switch matrix consists of two blocks of pin-assignment registers PINASSIGN and PINENABLE. Every function has an assigned field (1-bit or 8-bit wide) within this bank of registers where you can program the external pin - identified by its GPIO function - you want the function to connect to. GPIOs range from PIO0_0 to PIO0_17 and, for assignment through the pin-assignment registers, are numbered 0 to 17. There are two types of functions which must be assigned to port pins in different ways: U2_RXD I Receiver input for USART2. PINASSIGN2 Table 98 U2_RTS O Request To Send output for USART1. PINASSIGN3 Table 99 U2_CTS I Clear To Send input for USART1. PINASSIGN3 Table 99 U2_SCLK I/O Serial clock input/output for USART1 in synchronous mode. PINASSIGN3 Table 99 SPI0_SCK I/O Serial clock for SPI0. PINASSIGN3 Table 99 SPI0_MOSI I/O Master Out Slave In for SPI0. PINASSIGN4 Table 100 SPI0_MISO I/O Master In Slave Out for SPI0. PINASSIGN4 Table 100 SPI0_SSEL I/O Slave select for SPI0. PINASSIGN4 Table 100 SPI1_SCK I/O Serial clock for SPI1. PINASSIGN4 Table 100 SPI1_MOSI I/O Master Out Slave In for SPI1. PINASSIGN5 Table 101 SPI1_MISO I/O Master In Slave Out for SPI1. PINASSIGN5 Table 101 SPI1_SSEL I/O Slave select for SPI1. PINASSIGN5 Table 101 CTIN_0 I SCT input 0. PINASSIGN5 Table 101 CTIN_1 I SCT input 1. PINASSIGN6 Table 102 CTIN_2 I SCT input 2. PINASSIGN6 Table 102 CTIN_3 I SCT input 3. PINASSIGN6 Table 102 CTOUT_0 O SCT output 0. PINASSIGN6 Table 102 CTOUT_1 O SCT output 1. PINASSIGN7 Table 103 CTOUT_2 O SCT output 2. PINASSIGN7 Table 103 CTOUT_3 O SCT output 3. PINASSIGN7 Table 103 I2C0_SDA I/O I2C-bus data input/output (open-drain if assigned to pin PIO0_11). High-current sink only if assigned to pin PIO0_11 and if I2C Fast-mode Plus is selected in the I/O configuration register. PINASSIGN7 Table 103 I2C0_SCL I/O I2C-bus clock input/output (open-drain if assigned to pin PIO0_10). High-current sink only if assigned to PIO0_10 and if I2C Fast-mode Plus is selected in the I/O configuration register. PINASSIGN8 Table 104 ACMP_O O Analog comparator output. PINASSIGN8 Table 104 CLKOUT O Clock output. PINASSIGN8 Table 104 GPIO_INT_BMAT O Output of the pattern match engine. PINASSIGN8 Table 104 Table 94. Movable functions (assign to pins PIO0_0 to PIO_17 through switch matrix) Function name Type Description SWM Pin assign register Reference |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |