Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 28Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 29Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 30Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 31Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 32Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 33Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 34Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 35Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 182 page
background image
PIC16C925/926
DS39544A-page 30
Preliminary
 2001 Microchip Technology Inc.
TABLE 4-1:
PORTA FUNCTIONS
TABLE 4-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit#
Buffer
Function
RA0/AN0
bit0
TTL
Input/output or analog input.
RA1/AN1
bit1
TTL
Input/output or analog input.
RA2/AN2
bit2
TTL
Input/output or analog input.
RA3/AN3/VREF
bit3
TTL
Input/output or analog input or VREF.
RA4/T0CKI
bit4
ST
Input/output or external clock input for Timer0. Output is open drain type.
RA5/AN4/SS
bit5
TTL
Input/output or analog input or slave select input for synchronous serial port.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--0x 0000
--0x 0000
85h
TRISA
—
—
PORTA Data Direction Control Register
--11 1111
--11 1111
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com