Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 74Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 75Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 76Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 77Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 78Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 79Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 80Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 81Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 182 page
background image
PIC16C925/926
DS39544A-page 76
Preliminary
 2001 Microchip Technology Inc.
REGISTER 10-2:
ADCON1 REGISTER (ADDRESS 9Fh)
The ADRESH:ADRESL registers contain the 10-bit
result of the A/D conversion. When the A/D conversion
is complete, the result is loaded into this A/D result reg-
ister pair, the GO/DONE bit (ADCON0<2>) is cleared
and the A/D interrupt flag bit ADIF is set. The block dia-
gram of the A/D module is shown in Figure 10-1.
After the A/D module has been configured as desired,
the selected channel must be acquired before the con-
version is started. The analog input channels must
have their corresponding TRIS bits selected as inputs.
To determine sample time, see Section 10.1. After this
acquisition time has elapsed, the A/D conversion can
be started.
U-0
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
—
—
—
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified. 6 Most Significant bits of ADRESH are read as ‘0’.
0
= Left justified. 6 Least Significant bits of ADRESL are read as ‘0’.
bit 6-4
Unimplemented: Read as '0'
bit 3-0
PCFG<3:0>: A/D Port Configuration Control bits:
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
A = Analog input
D = Digital I/O
Note 1: This column indicates the number of analog channels available as A/D inputs and
the number of analog channels used as voltage reference inputs.
PCFG<3:0>
AN4
RA5
AN3
RA3
AN2
RA2
AN1
RA1
AN0
RA0
VREF+VREF-
CHAN/
Refs(1)
0000
A
A
AAA
VDD
VSS
5/0
0001
AVREF+
AAA
RA3
VSS
4/1
0010
A
A
AAA
VDD
VSS
5/0
0011
AVREF+
AAA
RA3
VSS
4/1
0100
DA
D
A
A
VDD
VSS
3/0
0101
DVREF+D
A
A
RA3
VSS
2/1
011x
D
D
DDD
VDD
VSS
0/0
1000
AVREF+VREF-A
A
RA3
RA2
3/2
1001
A
A
AAA
VDD
VSS
5/0
1010
AVREF+
AAA
RA3
VSS
4/1
1011
AVREF+VREF-A
A
RA3
RA2
3/2
1100
AVREF+VREF-A
A
RA3
RA2
3/2
1101
DVREF+VREF-A
A
RA3
RA2
2/2
1110
DD
D
D
A
VDD
VSS
1/0
1111
DVREF+VREF-D
A
RA3
RA2
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com