Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 14Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 15Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 16Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 17Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 18Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 19Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 20Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 21Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 182 page
background image
PIC16C925/926
DS39544A-page 16
Preliminary
 2001 Microchip Technology Inc.
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
20
82h
PCL
Program Counter (PC) Least Significant Byte
0000 0000
25
83h
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
19
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
26
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
29
86h
TRISB
PORTB Data Direction Register
1111 1111
31
87h
TRISC
—
—
PORTC Data Direction Register
--11 1111
33
88h
TRISD
PORTD Data Direction Register
1111 1111
34
89h
TRISE
PORTE Data Direction Register
1111 1111
36
8Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the PC
---0 0000
25
8Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
21
8Ch
PIE1
LCDIE
ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
00-- 0000
24
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—
POR
BOR
---- --0-
24
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
—
Unimplemented
—
—
92h
PR2
Timer2 Period Register
1111 1111
51
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
69, 72
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
59
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
—
Unimplemented
—
—
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL
A/D Result Register Low
xxxx xxxx
79
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
76
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Details on
page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: These pixels do not display, but can be used as general purpose RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com