Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 49Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 50Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 51Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 52Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 53Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 54Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 55Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 56Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 51
PIC16C925/926
7.0
TIMER2 MODULE
Timer2 is an 8-bit timer with a prescaler and a
postscaler. It can be used as the PWM time-base for
the PWM mode of the CCP module. It can also be used
as a time-base for the Master mode SPI clock. The
TMR2 register is readable and writable, and is cleared
on any device RESET.
The input clock (FOSC/4) has a prescale option of 1:1,
1:4,
or
1:16
(selected
by
control
bits
T2CKPS1:T2CKPS0 (T2CON<1:0>)).
The Timer2 module has an 8-bit period register, PR2.
TMR2 increments from 00h until it matches PR2 and
then resets to 00h on the next increment cycle. PR2 is
a readable and writable register. The PR2 register is
set during RESET.
The match output of TMR2 goes through a 4-bit
postscaler (which gives a 1:1 to 1:16 scaling inclusive)
to generate a TMR2 interrupt (latched in flag bit
TMR2IF, (PIR1<1>)).
Timer2 can be shut-off by clearing control bit TMR2ON
(T2CON<2>) to minimize power consumption.
Figure 7-1 shows the Timer2 control register.
7.1
Timer2 Prescaler and Postscaler
The prescaler and postscaler counters are cleared
when any of the following occurs:
• a write to the TMR2 register
• a write to the T2CON register
• any device RESET (Power-on Reset, MCLR
Reset, or Watchdog Timer Reset)
TMR2 will not clear when T2CON is written.
7.2
Output of TMR2
The output of TMR2 (before the postscaler) is fed to the
Synchronous Serial Port module, which optionally uses
it to generate the shift clock.
FIGURE 7-1:
TIMER2 BLOCK DIAGRAM
Comparator
TMR2
Sets Flag
TMR2 reg
Output(1)
RESET
Postscaler
Prescaler
PR2 reg
2
FOSC/4
1:1
1:16
1:1, 1:4, 1:16
EQ
4
bit TMR2IF
Note 1: TMR2 register output can be software selected by the
SSP Module as the source clock.
to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com