Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 79Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 80Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 81Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 82Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 83Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 84Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 85Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 86Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 81
PIC16C925/926
FIGURE 10-4:
A/D RESULT JUSTIFICATION
10.5
A/D Operation During SLEEP
The A/D module can operate during SLEEP mode. This
requires that the A/D clock source be set to RC
(ADCS<1:0> = 11). When the RC clock source is
selected, the A/D module waits one instruction cycle
before starting the conversion. This allows the SLEEP
instruction to be executed, which eliminates all digital
switching noise from the conversion. When the conver-
sion is completed, the GO/DONE bit will be cleared and
the result loaded into the ADRES register. If the A/D
interrupt is enabled, the device will wake-up from
SLEEP. If the A/D interrupt is not enabled, the A/D mod-
ule will then be turned off, although the ADON bit will
remain set.
When the A/D clock source is another clock option (not
RC), a SLEEP instruction will cause the present conver-
sion to be aborted and the A/D module to be turned off,
though the ADON bit will remain set.
Turning off the A/D places the A/D module in its lowest
current consumption state.
10.6
Effects of a RESET
A device RESET forces all registers to their RESET
state. This forces the A/D module to be turned off, and
any conversion is aborted. All A/D input pins are con-
figured as analog inputs.
The value that is in the ADRESH:ADRESL registers is
not
modified
for
a
Power-on
Reset.
The
ADRESH:ADRESL registers will contain unknown data
after a Power-on Reset.
TABLE 10-2:
REGISTERS/BITS ASSOCIATED WITH A/D
10-Bit Result
ADRESH
ADRESL
0000 00
ADFM = 0
0
2 1 0 7
7
10-bit Result
ADRESH
ADRESL
10-bit Result
0000 00
7
0 7 6 5
0
ADFM = 1
Right Justified
Left Justified
Note:
For the A/D module to operate in SLEEP,
the A/D clock source must be set to RC
(ADCS<1:0> = 11). To allow the conver-
sion to occur during SLEEP, ensure the
SLEEP
instruction immediately follows the
instruction that sets the GO/DONE bit.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR,
BOR
MCLR,
WDT
0Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
LCDIF
ADIF
(1)
(1)
SSPIF
CCP1IF
TMR2IF TMR1IF
r0rr 0000
r0rr 0000
8Ch
PIE1
LCDIE
ADIE
(1)
(1)
SSPIE
CCP1IE
TMR2IE TMR1IE
r0rr 0000
r0rr 0000
1Eh
ADRESH
A/D Result Register High Byte
xxxx xxxx
uuuu uuuu
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
uuuu uuuu
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—
ADON
0000 00-0
0000 00-0
9Fh
ADCON1
ADFM
—
—
—
PCFG3
PCFG2
PCFG1
PCFG0
--0- 0000
--0- 0000
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
--11 1111
05h
PORTA
—
—
PORTA Data Latch when written: PORTA pins when read
--0x 0000
--0u 0000
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used for A/D conversion.
Note 1: These bits are reserved; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com