Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 57Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 58Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 59Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 60Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 61Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 62Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 63Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 64Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 59
PIC16C925/926
9.0
SYNCHRONOUS SERIAL PORT
(SSP) MODULE
The Synchronous Serial Port (SSP) module is a serial
interface useful for communicating with other periph-
eral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers, dis-
play drivers, A/D converters, etc. The SSP module can
operate in one of two modes:
• Serial Peripheral Interface (SPITM)
• Inter-Integrated Circuit (I2CTM)
Refer to Application Note AN578, "Use of the SSP
Module in the I 2C Multi-Master Environment.”
REGISTER 9-1:
SSPSTAT: SERIAL PORT STATUS REGISTER (ADDRESS 94h)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE
D/A
PS
R/W
UA
BF
bit 7
bit 0
bit 7
SMP: SPI Data Input Sample Phase bit
SPI Master mode:
1
= Input data sampled at end of data output time
0
= Input data sampled at middle of data output time
SPI Slave mode:
SMP must be cleared when SPI is used in Slave mode
bit 6
CKE: SPI Clock Edge Select bit (see Figure 9-3, Figure 9-4, and Figure 9-5)
CKP = 0:
1
= Data transmitted on rising edge of SCK
0
= Data transmitted on falling edge of SCK
CKP = 1:
1
= Data transmitted on falling edge of SCK
0
= Data transmitted on rising edge of SCK
bit 5
D/A: Data/Address bit (I2C mode only)
1
= Indicates that the last byte received or transmitted was data
0
= Indicates that the last byte received or transmitted was address
bit 4
P: STOP bit (I2C mode only. This bit is cleared when the SSP module is disabled, or when the START
bit was detected last.)
1
= Indicates that a STOP bit has been detected last (this bit is ’0’ on RESET)
0
= STOP bit was not detected last
bit 3
S: START bit (I2C mode only. This bit is cleared when the SSP module is disabled, or when the STOP
bit was detected last.)
1
= Indicates that a START bit has been detected last (this bit is ’0’ on RESET)
0
= START bit was not detected last
bit 2
R/W: Read/Write bit Information (I2C mode only)
This bit holds the R/W bit information following the last address match. This bit is only valid from the
address match to the next START bit, STOP bit, or ACK bit.
1
= Read
0
= Write
bit 1
UA: Update Address (10-bit I2C mode only)
1
= Indicates that the user needs to update the address in the SSPADD register
0
= Address does not need to be updated
bit 0
BF: Buffer Full Status bit
Receive (SPI and I2C modes):
1
= Receive complete, SSPBUF is full
0
= Receive not complete, SSPBUF is empty
Transmit (I2C mode only)
1
= Transmit in progress, SSPBUF is full
0
= Transmit complete, SSPBUF is empty
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com