Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 92Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 93Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 94Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 95Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 96Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 97Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 98Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 99Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 182 page
background image
PIC16C925/926
DS39544A-page 94
Preliminary
 2001 Microchip Technology Inc.
11.4.1
SEGMENT ENABLES
The LCDSE register is used to select the pin function
for groups of pins. The selection allows each group of
pins to operate as either LCD drivers or digital only
pins. To configure the pins as a digital port, the corre-
sponding bits in the LCDSE register must be cleared.
If the pin is a digital I/O the corresponding TRIS bit con-
trols the data direction. Any bit set in the LCDSE regis-
ter overrides any bit settings in the corresponding TRIS
register.
EXAMPLE 11-1:
STATIC MUX WITH 32
SEGMENTS
EXAMPLE 11-2:
ONE-THIRD DUTY CYCLE
WITH 13 SEGMENTS
REGISTER 11-4:
LCDSE REGISTER (ADDRESS 10Dh)
Note 1: On a Power-on Reset, these pins are
configured as LCD drivers.
2: The LMUX1:LMUX0 takes precedence
over the LCDSE bit settings for pins RD7,
RD6 and RD5.
BCF
STATUS,RP0
;Select Bank 2
BSF
STATUS,RP1
;
BCF
LCDCON,LMUX1 ;Select Static MUX
BCF
LCDCON,LMUX0 ;
MOVLW 0xFF
;Make PortD,E,F,G
MOVWF LCDSE
;LCD pins
. . .
;configure rest of LCD
BCF
STATUS,RP0
;Select Bank 2
BSF
STATUS,RP1
;
BSF
LCDCON,LMUX1 ;Select 1/3 MUX
BCF
LCDCON,LMUX0 ;
MOVLW 0x87
;Make PORTD<7:0> &
MOVWF LCDSE
;PORTE<6:0> LCD pins
. . .
;configure rest of LCD
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
SE29
SE27
SE20
SE16
SE12
SE9
SE5
SE0
bit 7
bit 0
bit 7
SE29: Pin Function Select
RD7/COM1/SEG31 - RD5/COM3/SEG29
1
= Pins have LCD drive function
0
= Pins have digital Input function
bit 6
SE27: Pin Function Select
RG7/SEG28 and RE7/SEG27
1
= Pins have LCD drive function
0
= Pins have LCD drive function
bit 5
SE20: Pin Function Select
RG6/SEG26 - RG0/SEG20
1
= Pins have LCD drive function
0
= Pins have digital Input function
bit 4
SE16: Pin Function Select
RF7/SEG19 - RF4/SEG16
1
= Pins have LCD drive function
0
= Pins have digital Input function
bit 3
SE12: Pin Function Select
RF3/SEG15 - RF0/SEG12
1
= Pins have LCD drive function
0
= Pins have digital Input function
bit 2
SE9: Pin Function Select
RE6/SEG11 - RE4/SEG09
1
= Pins have LCD drive function
0
= Pins have digital Input function
bit 1
SE5: Pin Function Select
RE3/SEG08 - RE0/SEG05
1
= Pins have LCD drive function
0
= Pins have digital Input function
bit 0
SE0: Pin Function Select
RD4/SEG04 - RD0/SEG00
1
= Pins have LCD drive function
0
= Pins have digital Input function
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com