Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 39Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 40Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 41Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 42Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 43Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 44Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 45Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 46Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 41
PIC16C925/926
5.0
TIMER0 MODULE
The Timer0 module has the following features:
• 8-bit timer/counter
• Readable and writable
• 8-bit software programmable prescaler
• Internal or external clock select
• Interrupt-on-overflow from FFh to 00h
• Edge select for external clock
Figure 5-1 is a simplified block diagram of the Timer0
module.
Timer mode is selected by clearing bit T0CS
(OPTION<5>). In Timer mode, the Timer0 module will
increment every instruction cycle (without prescaler). If
the TMR0 register is written, the increment is inhibited
for the following two instruction cycles (Figure 5-2 and
Figure 5-3). The user can work around this by writing
an adjusted value to the TMR0 register.
Counter mode is selected by setting bit T0CS
(OPTION<5>). In Counter mode, Timer0 will increment
either on every rising, or falling edge of pin RA4/T0CKI.
The incrementing edge is determined by the Timer0
Source Edge Select bit T0SE (OPTION<4>). Clearing
bit T0SE selects the rising edge. Restrictions on the
external clock input are discussed in detail in
Section 5.2.
The prescaler is mutually exclusively shared between
the Timer0 module and the Watchdog Timer. The
prescaler assignment is controlled in software by con-
trol bit PSA (OPTION<3>). Clearing bit PSA will assign
the prescaler to the Timer0 module. The prescaler is
not readable or writable. When the prescaler is
assigned to the Timer0 module, prescale values of 1:2,
1:4,..., 1:256 are selectable. Section 5.3 details the
operation of the prescaler.
5.1
Timer0 Interrupt
The TMR0 interrupt is generated when the TMR0 reg-
ister overflows from FFh to 00h. This overflow sets bit
TMR0IF (INTCON<2>). The interrupt can be masked
by clearing bit T0IE (INTCON<5>). Bit TMR0IF must be
cleared in software by the Timer0 module Interrupt Ser-
vice Routine before re-enabling this interrupt. The
TMR0 interrupt cannot awaken the processor from
SLEEP, since the timer is shut-off during SLEEP.
Figure 5-4 displays the Timer0 interrupt timing.
FIGURE 5-1:
TIMER0 BLOCK DIAGRAM
Note 1: T0CS, T0SE, PSA, PS2:PS0 (OPTION<5:0>).
2: The prescaler is shared with the Watchdog Timer (refer to Figure 5-6 for detailed block diagram).
RA4/T0CKI
T0SE
0
1
1
0
pin
T0CS
FOSC/4
Programmable
Prescaler
Sync with
Internal
Clocks
TMR0
PSout
(2 cycle delay)
PSout
Data Bus
8
PSA
PS2, PS1, PS0
Set Interrupt
Flag bit TMR0IF
on Overflow
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com