Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 51Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 52Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 53Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 54Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 55Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 56Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 57Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 58Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 53
PIC16C925/926
8.0
CAPTURE/COMPARE/PWM
(CCP) MODULE
The CCP (Capture/Compare/PWM) module contains a
16-bit register which can operate as a 16-bit capture
register, as a 16-bit compare register, or as a PWM
master/slave duty cycle register. Table 8-1 shows the
timer resources used by the CCP module.
The Capture/Compare/PWM Register1 (CCPR1) is
comprised of two 8-bit registers: CCPR1L (low byte)
and CCPR1H (high byte). The CCP1CON register con-
trols the operation of CCP1. All three are readable and
writable.
Register 8-1 shows the CCP1CON register.
For use of the CCP module, refer to the Embedded
Control Handbook, “Using the CCP Modules” (AN594).
TABLE 8-1:
CCP MODE - TIMER
RESOURCE
REGISTER 8-1:
CCP1CON REGISTER (ADDRESS 17h)
CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5-4
CCP1X:CCP1Y: PWM Least Significant bits
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPR1L.
bit 3-0
CCP1M3:CCP1M0: CCP1 Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCP1 module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (bit CCP1IF is set)
1001
= Compare mode, clear output on match (bit CCP1IF is set)
1010
= Compare mode, generate software interrupt-on-match (bit CCP1IF is set, CCP1 pin is
unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit is set; CCP1 resets TMR1)
11xx
= PWM mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com