Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 55Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 56Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 57Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 58Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 59Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 60Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 61Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 62Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 57
PIC16C925/926
EQUATION 8-1:
EXAMPLES OF PWM PERIOD AND DUTY CYCLE CALCULATION
At most, an 8-bit resolution duty cycle can be obtained
from a 31.25 kHz frequency and a 8 MHz oscillator, i.e.,
0
≤ CCPR1L:CCP1CON<5:4> ≤ 255. Any value greater
than 255 will result in a 100% duty cycle.
In order to achieve higher resolution, the PWM fre-
quency must be decreased. In order to achieve higher
PWM frequency, the resolution must be decreased.
Table 8-2 lists example PWM frequencies and resolu-
tions for FOSC = 8 MHz. TMR2 prescaler and PR2 val-
ues are also shown.
8.3.3
SET-UP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP module for PWM operation:
1.
Set the PWM period by writing to the PR2
register.
2.
Set the PWM duty cycle by writing to the
CCPR1L register and CCP1CON<5:4> bits.
3.
Make the CCP1 pin an output by clearing the
TRISC<2> bit.
4.
Set the TMR2 prescale value and enable Timer2
by writing to T2CON.
5.
Configure the CCP module for PWM operation.
TABLE 8-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 8 MHz
1.
Find the value of the PR2 register, given:
• Desired PWM frequency = 31.25 kHz
• FOSC = 8 MHz
• TMR2 prescale = 1
From the equation for PWM period in Section 8.3.1,
1 / 31.25 kHz
= [ (PR2) + 1 ] • 4 • 1/8 MHz • 1
or
32
µs
= [ (PR2) + 1 ] • 4 • 125 ns • 1 = [ (PR2) + 1 ] • 0.5
µs
PR2
= (32
µs / 0.5 µs) - 1
PR2
= 63
2.
Find the maximum resolution of the duty cycle that can be used with a 31.25 kHz frequency and
8 MHz oscillator.
From the equation from maximum PWM resolution in Section 8.3.2,
1 / 31.25 kHz
= 2
PWM RESOLUTION • 1 / 8 MHz • 1
or
32
µs= 2PWM RESOLUTION • 125 ns • 1
256
= 2
PWM RESOLUTION
log(256)
= (PWM Resolution) • log(2)
8.0
= PWM Resolution
PWM Frequency
488 Hz
1.95 kHz
7.81 kHz
31.25 kHz
62.5 kHz
250 kHz
Timer Prescaler (1, 4, 16)
16
4
1
1
1
1
PR2 Value
0xFF
0xFF
0xFF
0x3F
0x1F
0x07
Maximum Resolution (bits)
10
10
10
8
7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com