Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 76Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 77Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 78Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 79Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 80Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 81Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 82Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 83Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 182 page
background image
PIC16C925/926
DS39544A-page 78
Preliminary
 2001 Microchip Technology Inc.
10.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 10-2. The
source impedance (RS) and the internal sampling
switch (RSS) impedance directly affect the time
required to charge the capacitor CHOLD. The sampling
switch (RSS) impedance varies over the device voltage
(VDD), see Figure 10-2. The maximum recom-
mended impedance for analog sources is 10 k
Ω. As
the impedance is decreased, the acquisition time may
be decreased. After the analog input channel is
selected (changed), this acquisition must be done
before the conversion can be started.
To
calculate
the
minimum
acquisition
time,
Equation 10-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
To calculate the minimum acquisition time, TACQ, see
the
PICmicro™
Mid-Range
Reference
Manual
(DS33023).
EQUATION 10-1:
ACQUISITION TIME EXAMPLE
FIGURE 10-2:
ANALOG INPUT MODEL
TACQ
TC
TACQ
=
=
=
=
=
=
=
=
Amplifier Settling Time +
Hold Capacitor Charging Time +
Temperature Coefficient
TAMP + TC + TCOFF
2
µS + TC + [(Temperature -25°C)(0.05µS/°C)]
CHOLD (RIC + RSS + RS) In(1/2047)
- 120pF (1k
Ω + 7kΩ + 10kΩ) In(0.0004885)
16.47
µS
2
µS + 16.47µS + [(50°C -25°C)(0.05µS/°C)
19.72
µS
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
3: The maximum recommended impedance for analog sources is 10 k
Ω. This is required to meet the pin leak-
age specification.
4: After a conversion has completed, a 2.0TAD delay must complete before acquisition can begin again.
During this time, the holding capacitor is not connected to the selected A/D input channel.
CPIN
VA
RS
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I LEAKAGE
RIC
≤ 1k
Sampling
Switch
SS RSS
CHOLD
= DAC Capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
= 120 pF
± 500 nA
Legend
CPIN
VT
I LEAKAGE
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com