Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 78Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 79Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 80Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 81Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 82Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 83Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 84Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 85Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 182 page
background image
PIC16C925/926
DS39544A-page 80
Preliminary
 2001 Microchip Technology Inc.
10.3
Configuring Analog Port Pins
The ADCON1 and TRIS registers control the operation
of the A/D port pins. The port pins that are desired as
analog inputs must have their corresponding TRIS bits
set (input). If the TRIS bit is cleared (output), the digital
output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
CHS<2:0> bits and the TRIS bits.
10.4
A/D Conversions
Clearing the GO/DONE bit during a conversion will
abort the current conversion. The A/D result register
pair will NOT be updated with the partially completed
A/D conversion sample. That is, the ADRESH:ADRESL
registers will continue to contain the value of the last
completed conversion (or the last value written to the
ADRESH:ADRESL registers). After the A/D conversion
is aborted, a 2TAD wait is required before the next
acquisition is started. After this 2TAD wait, acquisition
on the selected channel is automatically started. After
this, the GO/DONE bit can be set to start the
conversion.
In Figure 10-3, after the GO bit is set, the first time seg-
ment has a minimum of TCY and a maximum of TAD.
FIGURE 10-3:
A/D CONVERSION TAD CYCLES
10.4.1
A/D RESULT REGISTERS
The ADRESH:ADRESL register pair is the location
where the 10-bit A/D result is loaded at the completion
of the A/D conversion. This register pair is 16-bits wide.
The A/D module gives the flexibility to left or right justify
the 10-bit result in the 16-bit result register. The A/D
Format Select bit (ADFM) controls this justification.
Figure 10-4 shows the operation of the A/D result justi-
fication. The extra bits are loaded with ’0’s’. When an
A/D result will not overwrite these locations (A/D dis-
able), these registers may be used as two general pur-
pose 8-bit registers.
Note 1: When reading the port register, any pin
configured as an analog input channel will
read as cleared (a low level). Pins config-
ured as digital inputs will convert an ana-
log input. Analog levels on a digitally
configured input will not affect the conver-
sion accuracy.
2: Analog levels on any pin that is defined as
a digital input (including the AN<4:0>
pins), may cause the input buffer to con-
sume current that is out of the device
specifications.
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
TAD1
TAD2
TAD3
TAD4
TAD5
TAD6
TAD7
TAD8
TAD9
Set GO bit
Holding capacitor is disconnected from analog input (typically 100 ns)
b9
b8
b7
b6
b5
b4
b3
b2
TAD10 TAD11
b1
b0
TCY to TAD
Conversion Starts
ADRES is loaded,
GO bit is cleared,
ADIF bit is set,
holding capacitor is connected to analog input.
A 2TAD wait is necessary before the next
acquisition is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com