Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 77Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 78Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 79Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 80Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 81Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 82Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 83Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 84Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 79
PIC16C925/926
10.2
Selecting the A/D Conversion
Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires a minimum 12TAD per 10-bit
conversion. The source of the A/D conversion clock is
software selected. The four possible options for TAD
are:
• 2TOSC
• 8TOSC
• 32TOSC
• Internal A/D module RC oscillator
For correct A/D conversions, the A/D conversion clock
(TAD) must be selected to ensure a minimum TAD time
of 1.6
µs.
Table 10-1 shows the resultant TAD times derived from
the device operating frequencies and the A/D clock
source selected.
TABLE 10-1:
TAD vs. MAXIMUM DEVICE OPERATING FREQUENCIES (STANDARD DEVICES (C))
AD Clock Source (TAD)
Maximum Device Frequency
Operation
ADCS<1:0>
Max.
2TOSC
00
1.25 MHz
8TOSC
01
5 MHz
32TOSC
10
20 MHz
RC(1, 2, 3)
11
(Note 1)
Note 1: The RC source has a typical TAD time of 4
µs, but can vary between 2-6 µs.
2: When the device frequencies are greater than 1 MHz, the RC A/D conversion clock source is only recom-
mended for SLEEP operation.
3: For extended voltage devices (LC), please refer to the Electrical Specifications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com