Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 48Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 49Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 50Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 51Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 52Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 53Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 54Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 55Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 182 page
background image
PIC16C925/926
DS39544A-page 50
Preliminary
 2001 Microchip Technology Inc.
6.4
Timer1 Oscillator
A crystal oscillator circuit is built-in between pins T1OSI
(input) and T1OSO (amplifier output). It is enabled by
setting control bit T1OSCEN (T1CON<3>). The oscilla-
tor is a low power oscillator rated up to 200 kHz. It will
continue to run during SLEEP. It is primarily intended
for a 32 kHz crystal. Table 6-1 shows the capacitor
selection for the Timer1 oscillator.
The Timer1 oscillator is identical to the LP oscillator.
The user must provide a software time delay to ensure
proper oscillator start-up.
TABLE 6-1:
CAPACITOR SELECTION FOR
THE TIMER1 OSCILLATOR
6.5
Resetting Timer1 Using the CCP
Trigger Output
If the CCP1 module is configured in Compare mode to
generate a “special event trigger” (CCP1M3:CCP1M0
= 1011), this signal will reset Timer1.
Timer1 must be configured for either Timer or Synchro-
nized Counter mode, to take advantage of this feature.
If Timer1 is running in Asynchronous Counter mode,
this reset operation may not work.
In the event that a write to Timer1 coincides with a
special event trigger from CCP1, the write will take pre-
cedence.
In this mode of operation, the CCPR1H:CCPR1L regis-
ters pair effectively become the period register for
Timer1.
6.6
Resetting of Timer1 Register Pair
(TMR1H:TMR1L)
TMR1H and TMR1L registers are not reset on a POR
or any other RESET, except by the CCP1 special event
trigger.
T1CON register is reset to 00h on a Power-on Reset.
In any other RESET, the register is unaffected.
6.7
Timer1 Prescaler
The prescaler counter is cleared on writes to the
TMR1H or TMR1L registers.
TABLE 6-2:
REGISTERS ASSOCIATED WITH TIMER1 AS A TIMER/COUNTER
Osc Type
Freq
C1
C2
LP
32 kHz
33 pF
33 pF
100 kHz
15 pF
15 pF
200 kHz
15 pF
15 pF
These values are for design guidance only.
Crystals Tested:
32.768 kHz
Epson C-001R32.768K-A
± 20 PPM
100 kHz
Epson C-2 100.00 KC-P
± 20 PPM
200 kHz
STD XTL 200.000 kHz
± 20 PPM
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time.
2: Since each resonator/crystal has its own
characteristics, the user should consult the
resonator/crystal manufacturer for appro-
priate values of external components.
Note:
The special event trigger from the CCP1
module will not set interrupt flag bit
TMR1IF (PIR1<0>).
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
LCDIF
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
00-- 0000 00-- 0000
8Ch
PIE1
LCDIE
ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
00-- 0000 00-- 0000
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
10h
T1CON
—
—
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by theTimer1 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com