Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 50Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 51Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 52Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 53Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 54Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 55Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 56Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 57Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 182 page
background image
PIC16C925/926
DS39544A-page 52
Preliminary
 2001 Microchip Technology Inc.
REGISTER 7-1:
T2CON: TIMER2 CONTROL REGISTER (ADDRESS 12h)
TABLE 7-1:
REGISTERS ASSOCIATED WITH TIMER2 AS A TIMER/COUNTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
TOUTPS3 TOUTPS2 TOUTPS1
TOUTPS0 TMR2ON T2CKPS1 T2CKPS0
bit 7
bit 0
bit 7
Unimplemented: Read as '0'
bit 6-3
TOUTPS3:TOUTPS0: Timer2 Output Postscale Select bits
0000
= 1:1 Postscale
0001
= 1:2 Postscale
•
•
•
1111
= 1:16 Postscale
bit 2
TMR2ON: Timer2 On bit
1
= Timer2 is on
0
= Timer2 is off
bit 1-0
T2CKPS1:T2CKPS0: Timer2 Clock Prescale Select bits
00
= Prescaler is 1
01
= Prescaler is 4
1x
= Prescaler is 16
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
LCDIF
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
00-- 0000
00-- 0000
8Ch
PIE1
LCDIE
ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
00-- 0000
00-- 0000
11h
TMR2
Timer2 Module’s Register
0000 0000
0000 0000
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON T2CKPS1
T2CKPS0
-000 0000
-000 0000
92h
PR2
Timer2 Period Register
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ’0’. Shaded cells are not used by the Timer2 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com