| Electronic Components Datasheet Search |
|
PIC16C925T-S/PT Datasheet(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925T-S/PT Datasheet(HTML) 69 Page - Microchip Technology |
|
69 / 182 page ![]() 2001 Microchip Technology Inc. Preliminary DS39544A-page 67 PIC16C925/926 Figure 9-11 and Figure 9-12 show master-transmitter and Master-receiver data transfer sequences. When a master does not wish to relinquish the bus (by generating a STOP condition), a Repeated START condition (Sr) must be generated. This condition is identical to the START condition (SDA goes high-to-low while SCL is high), but occurs after a data transfer Acknowledge pulse (not the bus-free state). This allows a master to send “commands” to the slave and then receive the requested information, or to address a dif- ferent slave device. This sequence is shown in Figure 9-13. FIGURE 9-11: MASTER-TRANSMITTER SEQUENCE FIGURE 9-12: MASTER-RECEIVER SEQUENCE FIGURE 9-13: COMBINED FORMAT For 7-bit address: S Slave Address First 7 bits SR/W A1 Slave Address Second byte A2 Data A Data P A master-transmitter addresses a slave-receiver with a 10-bit address. A/A Slave Address R/W AData A Data A/A P '0' (write) data transferred (n bytes - Acknowledge) A master-transmitter addresses a slave-receiver with a 7-bit address. The transfer direction is not changed. From master to slave From slave to master A = Acknowledge (SDA low) A = Not Acknowledge (SDA high) S = START Condition P = STOP Condition (write) For 10-bit address: For 7-bit address: S Slave Address First 7 bits SR/W A1 Slave Address Second byte A2 A master-transmitter addresses a slave-receiver with a 10-bit address. Slave Address R/W AData A Data A P '1' (read) data transferred (n bytes - Acknowledge) A master reads a slave immediately after the first byte. From master to slave From slave to master A = Acknowledge (SDA low) A = Not Acknowledge (SDA high) S = START Condition P = STOP Condition (write) For 10-bit address: Slave Address First 7 bits Sr R/W A3 A Data A P Data (read) Combined format: S Combined format - A master addresses a slave with a 10-bit address, then transmits Slave Address R/W AData A/A Sr P (read) Sr = repeated Transfer direction of data and Acknowledgment bits depends on R/W bits. From master to slave From slave to master A = Acknowledge (SDA low) A = Not Acknowledge (SDA high) S = START Condition P = STOP Condition Slave Address First 7 bits Sr R/W A (write) data to this slave and reads data from this slave. Slave Address Second byte Data Sr Slave Address First 7 bits R/W AData A A P A AData A/A Data (read) Slave Address R/W AData A/A START Condition (write) Direction of transfer may change at this point (read or write) (n bytes + Acknowledge) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |