Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 56Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 57Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 58Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 59Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 60Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 61Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 62Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 63Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 182 page
background image
PIC16C925/926
DS39544A-page 58
Preliminary
 2001 Microchip Technology Inc.
TABLE 8-3:
REGISTERS ASSOCIATED WITH TIMER1, CAPTURE AND COMPARE
TABLE 8-4:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
LCDIF
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
00-- 0000 00-- 0000
8Ch
PIE1
LCDIE
ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE 00-- 0000 00-- 0000
87h
TRISC
—
—
PORTC Data Direction Control Register
--11 1111 --11 1111
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
10h
T1CON
—
—
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
15h
CCPR1L
Capture/Compare/PWM1 (LSB)
xxxx xxxx uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM1 (MSB)
xxxx xxxx uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as '0’. Shaded cells are not used in these modes.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
LCDIF
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
00-- 0000
00-- 0000
8Ch
PIE1
LCDIE
ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
00-- 0000
00-- 0000
87h
TRISC
—
—
PORTC Data Direction Control Register
--11 1111
--11 1111
11h
TMR2
Timer2 Module Register
0000 0000
0000 0000
92h
PR2
Timer2 Module Period Register
1111 1111
1111 1111
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000
15h
CCPR1L
Capture/Compare/PWM1 (LSB)
xxxx xxxx
uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM1 (MSB)
xxxx xxxx
uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as '0’. Shaded cells are not used in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com