Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 36Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 37Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 38Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 39Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 40Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 41Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 42Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 43Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 182 page
background image
PIC16C925/926
DS39544A-page 38
Preliminary
 2001 Microchip Technology Inc.
4.7
PORTG and TRISG Register
PORTG is a digital input only port. Each pin is multi-
plexed with an LCD segment driver. These pins have
Schmitt Trigger input buffers.
EXAMPLE 4-7:
INITIALIZING PORTG
FIGURE 4-9:
PORTG BLOCK DIAGRAM
TABLE 4-13:
PORTG FUNCTIONS
TABLE 4-14:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTG
Note 1: On a Power-on Reset, these pins are
configured as LCD segment drivers.
2: To configure the pins as a digital port, the
corresponding bits in the LCDSE register
must be cleared. Any bit set in the LCDSE
register overrides any bit settings in the
corresponding TRIS register.
BCF
STATUS,
RP0
;Select Bank2
BSF
STATUS,
RP1
;
BCF
LCDSE,
SE27
;Make all PORTG
BCF
LCDSE,
SE20
;and PORTE<7>
;digital inputs
RD Port
Schmitt
Trigger
Input
Buffer
EN
QD
EN
Digital Input/
LCDSE<n>
LCD
LCD Segment
LCD Output pin
LCD
LCD Common
Data Bus
RD TRIS
VDD
Segment Data
Output Enable
Common Data
Output Enable
Name
Bit#
Buffer Type
Function
RG0/SEG20
bit0
ST
Digital input or Segment Driver20.
RG1/SEG21
bit1
ST
Digital input or Segment Driver21.
RG2/SEG22
bit2
ST
Digital input or Segment Driver22.
RG3/SEG23
bit3
ST
Digital input or Segment Driver23.
RG4/SEG24
bit4
ST
Digital input or Segment Driver24.
RG5/SEG25
bit5
ST
Digital input or Segment Driver25.
RG6/SEG26
bit6
ST
Digital input or Segment Driver26.
RG7/SEG28
bit7
ST
Digital input or Segment Driver28 (not available on 64-pin devices).
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
108h
PORTG
RG7
RG6
RG5
RG4
RG3
RG2
RG1
RG0
0000 0000
0000 0000
188h
TRISG
PORTG Data Direction Control Register
1111 1111
1111 1111
10Dh
LCDSE
SE29
SE27
SE20
SE16
SE12
SE9
SE5
SE0
1111 1111
1111 1111
Legend: Shaded cells are not used by PORTG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com