Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 137Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 138Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 139Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 140Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 141Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 142Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 143Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 144Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 139
PIC16C925/926
15.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias............................................................................................................. -55°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR, and RA4) ......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ............................................................................................................. 0V to +7.5V
Voltage on MCLR with respect to VSS........................................................................................................ 0V to +13.25V
Voltage on RA4 with respect to VSS............................................................................................................... 0V to +8.5V
Voltage on VLCD2, VLCD3 with respect to VSS.............................................................................................. 0V to +10V
Total power dissipation (Note 1) .............................................................................................................................. 1.0 W
Maximum current out of VSS pin ........................................................................................................................... 300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ± 20 mA
Maximum output current sunk by any I/O pin ......................................................................................................... 25 mA
Maximum output current sourced by any I/O pin ................................................................................................... 25 mA
Maximum current sunk by all Ports combined ..................................................................................................... 200 mA
Maximum current sourced by all Ports combined ................................................................................................ 200 mA
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com