Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 155Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 156Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 157Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 158Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 159Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 160Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 161Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 162Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 157
PIC16C925/926
TABLE 15-11: A/D CONVERTER CHARACTERISTICS:
PIC16C925/926 (COMMERCIAL, INDUSTRIAL)
PIC16LC925/926 (COMMERCIAL, INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
——
10-bits
bit
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A02
EABS Total Absolute error
——
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A03
EIL
Integral linearity error
——
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A04
EDL
Differential linearity error
——
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A05
EFS
Full scale error
——
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A06
EOFF Offset error
——
< ± 2
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A07
EGN
Gain error
——
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A10
—
Monotonicity
—
guaranteed
——
VSS
≤ VAIN ≤ VREF
A20
VREF Reference voltage
AVDD -
2.5V
—
AVDD + 0.3
V
A25
VAIN
Analog input voltage
VSS - 0.3
—
VREF + 0.3
V
A30
ZAIN
Recommended impedance of
analog voltage source
——
10.0
k
Ω
A40
IAD
A/D conversion current
(VDD)
PIC16C925/926
—
220
—
µA Average current consump-
tion when A/D is on.
(Note 1)
PIC16LC925/926
—
90
—
µA
A50
IREF
VREF input current (Note 2)
10
—
—
—
1000
10
µA
µA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN to charge
CHOLD.
During A/D Conversion
cycle
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
When A/D is off, it will not consume any current other than minor leakage current.
The power-down current spec includes any such leakage from the A/D module.
2: VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com