Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 162Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 163Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 164Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 165Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 166Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 167Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 168Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 169Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 182 page
background image
PIC16C925/926
DS39544A-page 164
Preliminary
 2001 Microchip Technology Inc.
68-Lead Plastic Leaded Chip Carrier (L) – Square (PLCC)
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.53
0.51
0.33
.021
.020
.013
B
Lower Lead Width
0.81
0.74
0.66
.032
.029
.026
B1
Upper Lead Width
0.33
0.27
0.20
.013
.011
.008
c
Lead Thickness
17
17
n1
Pins per Side
23.62
23.37
22.61
.930
.920
.890
D2
Footprint Length
23.62
23.37
22.61
.930
.920
.890
E2
Footprint Width
24.33
24.23
24.13
.958
.954
.950
D1
Molded Package Length
24.33
24.23
24.13
.958
.954
.950
E1
Molded Package Width
25.27
25.15
25.02
.995
.990
.985
D
Overall Length
25.27
25.15
25.02
.995
.990
.985
E
Overall Width
0.25
0.13
0.00
.010
.005
.000
CH2
Corner Chamfer (others)
1.27
1.14
1.02
.050
.045
.040
CH1
Corner Chamfer 1
0.86
0.74
0.61
.034
.029
.024
A3
Side 1 Chamfer Height
0.51
.020
A1
Standoff
§
A2
Molded Package Thickness
4.57
4.39
4.19
.180
.173
.165
A
Overall Height
1.27
.050
p
Pitch
68
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
β
A2
c
E2
2
D
D1
n
#leads=n1
E
E1
1
α
p
B
A3
A
B1
32
°
D2
68
A1
.145
.153
.160
3.68
3.87
4.06
.028
.035
0.71
0.89
CH1 x 45
°
CH2 x 45
°
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MO-047
Drawing No. C04-049
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com