Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 146 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 146 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 142Page - STMicroelectronics UPSD3312D Datasheet HTML 143Page - STMicroelectronics UPSD3312D Datasheet HTML 144Page - STMicroelectronics UPSD3312D Datasheet HTML 145Page - STMicroelectronics UPSD3312D Datasheet HTML 146Page - STMicroelectronics UPSD3312D Datasheet HTML 147Page - STMicroelectronics UPSD3312D Datasheet HTML 148Page - STMicroelectronics UPSD3312D Datasheet HTML 149Page - STMicroelectronics UPSD3312D Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Synchronous peripheral interface (SPI)
UPSD33xx
146/272
Doc ID 9685 Rev 7
24.5
SPI configuration
The SPI interface is reset by the MCU reset, and firmware needs to initialize the SFRs
SPICON0, SPICON1, and SPICLKD to define several operation parameters.
The SPO Bit in SPICON0 determines the clock polarity. When SPO is set to '0,' a data bit is
transmitted on SPITxD from one rising edge of SPICLK to the next and is guaranteed to be
valid during the falling edge of SPICLK. When SPO is set to '1,' a data bit is transmitted on
SPITxD from one falling edge of SPICLK to the next and is guaranteed to be valid during the
rising edge of SPICLK. The UPSD33xx will sample received data on the appropriate edge of
SPICLK as determined by SPO. The effect of the SPO Bit can be seen in Figure 42 on
page 144 and Figure 43 on page 144.
The FLSB Bit in SPICON0 determines the bit order while transmitting and receiving the 8-bit
data. When FLSB is '0,' the 8-bit data is transferred in order from MSB (first) to LSB (last).
When FLSB Bit is set to '1,' the data is transferred in order from LSB (first) to MSB (last).
The clock signal generated on SPICLK is derived from the internal PERIPH_CLK signal.
PERIPH_CLK always operates at the frequency, fOSC, and runs constantly except when
stopped in MCU Power-down mode. SPICLK is a result of dividing PERIPH_CLK by a sum
of different divisors selected by the value contained in the SPICLKD register. The default
value in SPICLKD after a reset divides PERIPH_CLK by a factor of 4. The bits in SPICLKD
can be set to provide resulting divisor values in of sums of multiples of 4, such as 4, 8, 12,
16, 20, all the way up to 252. For example, if SPICLKD contains 0x24, SPICLK has the
frequency of PERIH_CLK divided by 36 decimal.
The SPICLK frequency must be set low enough to allow the MCU time to read received data
bytes without loosing data. This is dependent upon many things, including the crystal
frequency of the MCU and the efficiency of the SPI firmware.
24.6
Dynamic control
At runtime, bits in registers SPICON0, SPICON1, and SPISTAT are managed by firmware
for dynamic control over the SPI interface. The bits Transmitter Enable (TE) and Receiver
Enable (RE) when set will allow transmitting and receiving respectively. If TE is disabled,
both transmitting and receiving are disabled because SPICLK is driven to constant output
logic ‘0’ (when SPO = 0) or logic '1' (when SPO = 1).
When the SSEL Bit is set, the SPISEL pin will drive to logic '0' (active) to select a connected
slave device at the appropriate time before the first data bit of a byte is transmitted, and
SPISEL will automatically return to logic '1' (inactive) after transmitting the eight bit of data,
as shown in Figure 43 on page 144. SPISEL will continue to automatically toggle this way
for each byte data transmission while the SSEL bit is set by firmware. When the SSEL Bit is
cleared, the SPISEL pin will drive to constant logic '1' and stay that way (after a transmission
in progress completes).
The Interrupt Enable Bits (TEIE, RORIE,TIE, and RIE) when set, will allow an SPI interrupt
to be generated to the MCU upon the occurrence of the condition enabled by these bits.
Firmware must read the four corresponding flags in the SPISTAT register to determine the
specific cause of interrupt. These flags are automatically cleared when firmware reads the
SPISTAT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com