Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 37Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 38Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 39Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 40Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 41Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 42Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 43Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 44Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
WM9714L
Rev 4.0
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
Powerdown (1)
12
VXDAC
1
VXDAC Disable Control
1 = Disabled
0 = Enabled
18h
VXDAC Output
Control
15
V2H
1
VXDAC to Headphone Mixer Mute
Control
1 = Mute
0 = No mute
14:12
V2HVOL
010
(0dB)
VXDAC to Headphone Mixer Volume
Control
000 = +6dB
… (+3dB steps)
111 = -15dB
11
V2S
1
VXDAC to Speaker Mixer Mute
Control
1 = Mute
0 = No mute
10:8
V2SVOL
010
(0dB)
VXDAC to Speaker Mixer Volume
Control
000 = +6dB
… (+3dB steps)
111 = -15dB
7
V2M
1
VXDAC to Mono Mixer Mute Control
1 = Mute
0 = No mute
6:4
V2MVOL
010
(0dB)
VXDAC to Mono Mixer Volume
Control
000 = +6dB
… (+3dB steps)
111 = -15dB
Table 19 VXDAC Control
AUXILIARY DAC
AUXDAC is a simple 12-bit mono DAC. It can be used to generate DC signals (with the numeric input
written into a control register), or AC signals such as telephone-quality ring tones or system beeps
(with the input signal supplied through an AC-Link slot). In AC mode (XSLE = 1), the input data is
binary offset coded; in DC mode (XSLE = 0), there is no offset.
The analogue output of AUXDAC is routed directly into the output mixers. The signal gain into each
mixer can be adjusted at the mixer inputs using control register 12h. In slot mode (XSLE = 1), the
AUXDAC also supports variable sample rates (See
“Variable Rate Audio / Sample Rate Conversion”).
When not in use the auxiliary DAC can be powered down using the Powerdown register bit AUXDAC
(register 3Ch, bit 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com