Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 8Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 9Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 10Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 11Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 12Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 13Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 14Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 15Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
WM9714L
12
Rev 4.0
DATA SETUP AND HOLD
BITCL
K
SDATAIN
SDATAOUT
SYN
C
V
V
V
t
HOLD
V
t
SETUP
tCO
OL
OH
IH
IL
Figure 2 Data Setup and Hold (50pF External Load)
Note:
Setup an
d hold times for SDATAIN are with respect to the AC’97 controller, not the WM9713L.
Test Conditions
DBVDD = 3.3V, DCVDD = 3.3V, DGND1 = DGND2 = 0V, TA = -25C to +85C, unless otherwise
stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Setup to falling edge of BITCLK
tSETUP
10
ns
Hold from falling edge of BITCLK
tHOLD
10
ns
Output valid delay from rising edge of
BITCLK
tCO
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com