Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 83 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 83 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 79Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 80Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 81Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 82Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 83Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 84Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 85Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 86Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
WM9714L
Rev 4.0
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
08h
15
M2H
1 (mute)
MONOIN to Headphone Mixer Mute Control
1 = Mute
0 = No mute
Analogue
Inputs;
Analogue
Audio Outputs
14
M2S
1 (mute)
MONOIN to Speaker Mixer Mute Control
1 = Mute
0 = No mute
12:8
MONOINVO
L
01000 (0dB)
MONOIN to Mixers Volume Control
00000 = +12dB
… (1.5dB steps)
11111 = -34.5dB
7
MU
1 (mute)
MONO Mute Control
1 = Mute
0 = No mute
6
ZC
0 (disabled)
MONO Zero Cross Control
1 = Zero cross enabled
0 = Zero cross disabled
5:0
MONOVOL
000000 (0dB)
MONO Volume Control
000000 = 0dB (maximum)
… (1.5dB steps)
011111 = -46.5dB
1xxxxx = -46.5dB
Register 08h controls the analogue output pin MONO and the analogue input pin MONOIN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0Ah
15
L2H
1 (mute)
LINE to Headphone Mixer Mute Control
1 = Mute
0 = No mute
Analogue
Inputs, Line
Input
14
L2S
1 (mute)
LINE to Speaker Mixer Mute Control
1 = Mute
0 = No mute
13
L2M
1 (mute)
LINE to Mono Mixer Mute Control
1 = Mute
0 = No mute
12:8
LINELVOL
01000 (0dB)
LINEL to Mixers Volume Control
00000 = +12dB
… (1.5dB steps)
11111 = -34.5dB
4:0
LINERVOL
01000 (0dB)
LINER to Mixers Volume Control
00000 = +12dB
… (1.5dB steps)
11111 = -34.5dB
Register 0Ah controls the analogue input pins LINEL and LINER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com