Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 48 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 48 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 44Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 45Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 46Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 47Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 48Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 49Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 50Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 51Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 120 page
background image
WM9714L
48
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
22h
4:2
MCDTHR
000
Mic Detect Threshold Control
000 = 100µA
… (100µA steps)
111 = 800µA
Note: These values are for 3.3V supply and
scale with supply voltage (AVDD).
1:0
MCDSCTR
00
Mic Detect Short Circuit Threshold
Control
00 = 600µA
01 = 1200uA
10 = 1800uA
11 = 2400µA
Note: These values are for 3.3V supply and
scale with supply voltage (AVDD).
Table 25 Microphone Current Detect Control
MICROPHONE PGAS
The microphone pre-amps MPA and MPB drive into two microphone PGAs whose gain is controlled
by register 0Eh. The PGA signals can be routed into the headphone mixers and the mono mixer, but
not the speaker mixer (to prevent forming a feedback loop) controlled by register 10h. If the PGA
signals are not selected as an input to any of the mixers, the outputs of the PGAs are muted
automatically.
When not in use the microphone PGAs can be powered down using the Powerdown register bits MA
and MB (register 3Eh, bits [3:2]).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0Eh
Mic PGA
Volume
12:8
MICAVOL
01000
(0dB)
MICA PGA Volume Control
00000 = +12dB
… (1.5dB steps)
11111 = -34.5dB
4:0
MICBVOL
01000
(0dB)
MICB PGA Volume Control
00000 = +12dB
… (1.5dB steps)
11111 = -34.5dB
Table 26 Microphone PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com