Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 5 Page - Cirrus Logic

  WM9714CLGEFL/V Datasheet HTML 1Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 2Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 3Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 4Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 5Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 6Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 7Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 8Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
WM9714L
Rev 4.0
5
PIN
NAME
TYPE
DESCRIPTION
7
DGND2
Supply
Digital Ground (return path for both DCVDD and DBVDD)
8
SDATAIN
Digital Output
Serial Data Input to Controller / Output from WM9714L
9
DCVDD
Supply
Digital Core Supply
10
SYNC
Digital Input
Serial Interface Synchronisation Pulse from Controller
11
RESETB / GPIO7
Digital In / Out
Reset (asynchronous, active Low, resets all registers to their
default) / GPIO7
12
AUX4 / GPIO8 / (S/PDIF)
Analogue In / Out
Auxiliary ADC input / GPIO8 / (S/PDIF digital audio output)
13
AVDD2
Supply
Analogue Supply
14
NC
Analogue Input
Do not connect
15
NC
Analogue Input
Do not connect
16
NC
Analogue Input
Do not connect
17
NC
Analogue Input
Do not connect
18
AGND3
Supply
Analogue Ground
19
PCBEEP
Analogue Input
Line Input to analogue audio mixers, typically used for beeps
20
MONOIN
Analogue Input
Mono Input (RX)
21
MIC1
Analogue Input
Microphone preamp A input 1
22
MICCM
Analogue Input
Microphone common mode input
23
LINEL
Analogue Input
Left Line Input
24
LINER
Analogue Input
Right Line Input
25
AVDD
Supply
Analogue Supply (audio DACs, ADCs, PGAs, mic amps, mixers)
26
AGND
Supply
Analogue Ground
27
VREF
Analogue Output
Internal Reference Voltage (buffered CAP2)
28
MICBIAS
Analogue Output
Bias Voltage for Microphones (buffered CAP2
 1.8)
29
MIC2A / COMP1 / AUX1
Analogue Input
Microphone preamp A input 2 / COMP1 input / Auxiliary ADC input
30
MIC2B / COMP2 / AUX2
Analogue Input
Microphone preamp B input / COMP2 input / Auxiliary ADC input
31
MONO
Analogue output
Mono output driver (line or headphone)
32
CAP2
Analogue In / Out
Internal Reference Voltage (normally AVDD/2, if not overdriven)
33
OUT4
Analogue Output
Auxiliary output driver (speaker, line or headphone)
34
SPKGND
Supply
Speaker ground (feeds output buffers on pins 33, 35, 36 and 37)
35
SPKL
Analogue Output
Left speaker driver (speaker, line or headphone)
36
SPKR
Analogue Output
Right speaker driver (speaker, line or headphone)
37
OUT3
Analogue Output
Auxiliary output driver (speaker, line or headphone)
38
SPKVDD
Supply
Speaker supply (feeds output buffers on pins 33, 35, 36 and 37)
39
HPL
Analogue Output
Headphone left driver (line or headphone)
40
HPGND
Supply
Headphone ground (feeds output buffers on pins 39 and 41)
41
HPR
Analogue Output
Headphone right driver (line or headphone)
42
AGND2
Supply
Analogue ground, chip substrate
43
HPVDD
Supply
Headphone supply (feeds output buffers on pins 39 and 41)
44
GPIO1 / PCMCLK
Digital In / Out
GPIO Pin 1 / PCM interface clock
45
GPIO2 / IRQ
Digital In / Out
GPIO Pin 2 / IRQ (Interrupt Request) output
46
GPIO3 / PCMFS
Digital In / Out
GPIO Pin 3 / PCM frame signal
47
GPIO4 / ADA / MASK / PCMDAC
Digital In / Out
GPIO Pin 4 / ADA (ADC data available) output or Mask input /
PCM input (DAC) data
48
GPIO5 / S/PDIF / PCMADC
Digital In / Out
GPIO Pin 5 / S/PDIF digital audio output / PCM output (ADC) data
49
GND_PADDLE
Die Paddle (Note 1)
Notes:
1.
It is recommended that the GND_PADDLE is connected to analogue ground. Refer to
“Recommended External Components”
and “Package Dimensions” for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com