Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 85Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 86Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 87Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 88Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 89Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 90Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 91Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 92Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
WM9714L
Rev 4.0
89
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1Ch
15:14
MONO
00 (VMID)
MONO Source Control
00 = VMID
01 = No input (tri-stated if MONO is disabled)
10 = MONOMIX
11 = INV1
Analogue
Audio Outputs
13:11
SPKL
000 (VMID)
SPKL Source Control
000 = VMID
001 = No input (tri-stated if SPKL is disabled)
010 = HPMIXL
011 = SPKMIX
100 = INV1
All other values are reserved
10:8
SPKR
000 (VMID)
SPKR Source Control
000 = VMID
001 = No input (tri-stated if SPKR is disabled)
010 = HPMIXR
011 = SPKMIX
100 = INV2
All other values are reserved
7:6
HPL
00 (VMID)
HPL Source Control
00 = VMID
01 = No input (tri-stated if HPL is disabled)
10 = HPMIXL
11 = Reserved
5:4
HPR
00 (VMID)
HPR Source Control
00 = VMID
01 = No input (tri-stated if HPR is disabled)
10 = HPMIXR
11 = Reserved
3:2
OUT3
00 (VMID)
OUT3 Source Control
00 = VMID
01 = No input (tri-stated if OUT3 is disabled)
10 = INV1
11 = Reserved
1:0
OUT4
00 (VMID)
OUT4 Source Control
00 = VMID
01 = No input (tri-stated if OUT4 is disabled)
10 = INV2
11 = Reserved
Register 1Ch controls the inputs to the output PGAs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com