Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 1 Page - Cirrus Logic

  WM9714CLGEFL/V Datasheet HTML 1Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 2Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 3Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 4Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 5Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 6Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 7Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 8Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
AC’97 Audio Codec
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2010–2016
(All Rights Reserved)
Rev 4.0
DEC ‘16
WM9714L
DESCRIPTION
The WM9714L is a highly integrated input/output device
designed for mobile computing and communications.
The chip is architected for dual CODEC operation, supporting hi-
fi stereo CODEC functions via the AC link interface, and
additionally supporting voice CODEC functions via a PCM type
Synchronous Serial Port (SSP). A third, auxiliary DAC is
provided which may be used to support generation of
supervisory tones, or ring-tones at different sample rates to the
main CODEC.
The device can connect directly to mono or stereo microphones,
stereo headphones and a stereo speaker, reducing total
component count in the system. Cap-less connections to the
headphones, speakers, and earpiece may be used, saving cost
and board area. Additionally, multiple analogue input and output
pins are provided for seamless integration with analogue
connected wireless communication devices.
All device functions are accessed and controlled through a
single AC-
Link interface compliant with the AC’97 standard. The
24.576 MHz master clock can be input directly or generated
internally from a 13MHz (or other frequency) clock by an on-chip
PLL.
The PLL supports a wide range of input clock from
2.048MHz to 78.6MHz.
The WM9714L operates at supply voltages from 1.8V to 3.6V.
Each section of the chip can be powered down under software
control to save power. The device is available in a small
leadless 7x7mm QFN package, ideal for use in hand-held
portable systems.
FEATURES
 AC’97 Rev 2.2 compatible stereo CODEC
- DAC SNR 94dB, THD
–85dB
- ADC SNR 87dB, THD
–86dB
- Variable Rate Audio, supports all WinCE sample rates
- Tone Control, Bass Boost and 3D Enhancement
 On-chip 45mW headphone driver
 On-chip 400mW mono or stereo speaker drivers
 Stereo, mono or differential microphone input
- Automatic Level Control (ALC)
- Mic insert and mic button press detection
 Auxiliary mono DAC (ring tone or DC level generation)
 Seamless interface to wireless chipset
 Additional PCM/I2S interface to support voice CODEC
 PLL derived audio clocks.
 Supports input clock ranging from 2.048MHz to 78.6MHz
 1.8V to 3.6V supplies (digital down to 1.62V, speaker up to
4.2V)
 7x7mm 48-lead QFN package
APPLICATIONS
 Smartphones
 Personal Digital Assistants (PDA)
 Handheld and Tablet Computers
BLOCK DIAGRAM
MONO
ALC /
NOISE
GATE
TONE /
BASS
BOOST
3D
MIC2A/COMP1/AUX1
MIC2B/COMP2/AUX2
LINER
LINEL
PCBEEP
ADCSEL
INTERRUPT
LOGIC
DCVDD
DBVDD
DGND2
HPVDD
HPGND
AC'97
INTERFACE
AUX
DAC
MONOIN
ADC
L
ADC
R
MICBIAS
VREF
AVDD
AVDD2
AGND
CAP2
50K
50K
VREF
DAC
L
DAC
R
HEADPHONE
MIXER
SPEAKER
MIXER
MONO
MIXER
AUX
ADC
INPUT PGAs
RECORD
SELECT
RECORD
VOLUME
DGND1
SPKVDD
SPKGND
AGND2
AGND3
MICCM
MIC1
-
DIFFERENTIAL
STEREO or
MONO MICS
PLL
PCM/I
2S
INTERFACE
VOICE
DAC
-
+
DEAD
BAT
LOW
BAT
+
-
VREF /
AUX4
Stereo
Speaker (R)
8R
Stereo
Speaker (L)
8R
HP
16/32R
Ear Speaker
32R
Hands-free
32R
HPL
HPR
SPKL
SPKR
OUT3
OUT4
SPKVDD / 3
WM9714L
POR
AVDD
DCVDD
RESETB
(pin 11)
rb
AUX4/GPIO8/
(SPDIF)


Similar Part No. - WM9714CLGEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9714LGEFL/RV WOLFSON-WM9714LGEFL/RV Datasheet
1Mb / 94P
AC 97 Audio CODEC
WM9714LGEFL/V WOLFSON-WM9714LGEFL/V Datasheet
1Mb / 94P
AC 97 Audio CODEC
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
AC 97 Audio CODEC
More results

Similar Description - WM9714CLGEFL/V

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
SIX-CHANNEL AC??7 AUDIO CODEC
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com