Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 29 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 29 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 25Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 26Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 27Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 28Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 29Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 30Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 31Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 32Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
WM9714L
Rev 4.0
29
In I2S mode, the MSB is available on the second rising edge of PCMCLK following a PCMFS
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
PCMCLK frequency and sample rate, there may be unused PCMCLK cycles between the LSB of one
sample and the MSB of the next.
LEFT CHANNEL
RIGHT CHANNEL
PCMFS
PCMCLK
PCMADC/
PCMDAC
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 18 I2S Justified Audio Interface (assuming n-bit word length)
CONTROL
The register bits controlling PCM audio format, word length and operating modes are summarised
below. CTRL must be set to override the normal use of the PCM interface pins as GPIOs, MODE must
be set to specify master/slave modes.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
36h
PCM
Control
15
CTRL
0
GPIO Pin Configuration Control
0 = GPIO pins as GPIOs
1 = GPIO pins configured as PCM interface
and controlled by this register
14:13
MODE
10
PCM Interface Mode Control
00 = PCM interface disabled [PCMCLK tri-
stated, PCMFS tri-stated]
01 = PCM interface in slave mode [PCMCLK
as input, PCMFS as input]
10 = PCM interface in master mode [PCMCLK
as output, PCMFS as output]
11 = PCM interface in partial master mode
[PCMCLK as output, PCMFS as input]
11:9
DIV
010
PCMCLK Rate Control
000 = Voice DAC clock
001 = Voice DAC clock / 2
010 = Voice DAC clock / 4
011 = Voice DAC clock / 8
100 = Voice DAC clock / 16
All other values are reserved
8
VDACOSR
1
Voice DAC Oversampling Rate Control
0: 128 x fs
1: 64 x fs
7
CP
0
PCMCLK Polarity Control
0 = Normal
1 = Inverted
6
FSP
0
FMT = 00, 01 or 10
FMT = 11
PCMFS Polarity
Control
0 = Normal
1 = Inverted
DSP Mode Control
0 = DSP Mode A
1 = DSP Mode B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com