Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 92 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 92 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 88Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 89Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 90Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 91Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 92Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 93Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 94Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 95Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
WM9714L
92
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
22h
15:14
MICCMP
SEL
00 (mics)
MIC2A/MIC2B Pin Function Control
00 = MIC2A and MIC2B are microphone inputs
01 = MIC2A microphone input only
10 = MIC2B microphone input only
11 = MIC2A and MIC2B are not microphone inputs
Analogue
Inputs,
Microphone
Input
13:12
MPASEL
00 (MIC1)
MPA Pre-Amp Source Control
00 = MIC1
01 = MIC2A
10 = MIC2B
11 = Reserved
11:10
MPABST
00 (12dB)
MPA Pre-Amp Volume Control
00 = +12dB
01 = +18dB
10 = +24dB
11 = +30dB
9:8
MPBBST
00 (12dB)
MPB Pre-Amp Volume Control
00 = +12dB
01 = +18dB
10 = +24dB
11 = +30dB
7
MBOP2EN
0 (Off)
MICBIAS Output 2 Enable Control
1 = Enable MICBIAS output on GPIO8 (pin 12)
0 = Disable MICBIAS output on GPIO8 (pin 12)
6
MBOP1EN
1 (On)
MICBIAS Output 1 Enable Control
1 = Enable MICBIAS output on MICBIAS (pin 28)
0 = Disable MICBIAS output on MICBIAS (pin 28)
5
MBVOL
0 (0.9xAVDD)
MICBIAS Output Voltage Control
1 = 0.75 x AVDD
0 = 0.9 x AVDD
4:2
MCDTHR
000 (100uA)
Mic Detect Threshold Control
000 = 100µA
… (100µA steps)
111 = 800µA
1:0
MCDSCTHR
00 (600uA)
Mic Detect Short Circuit Threshold Control
00 = 600µA
01 = 1200uA
10 = 1800uA
11 = 2400µA
Register 22h controls the microphone input configuration and microphone bias and detect configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com