Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 87 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 87 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 83Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 84Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 85Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 86Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 87Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 88Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 89Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 90Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
WM9714L
Rev 4.0
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
16h
15
B2H
1 (mute)
PCBEEP to Headphone Mixer Mute Control
1 = Mute
0 = No mute
Analogue
Inputs,
PCBEEP Input
14:12
B2HVOL
010 (0dB)
PCBEEP to Headphone Mixer Volume Control
000 = +6dB
… (+3dB steps)
111 = -15dB
11
B2S
1 (mute)
PCBEEP to Speaker Mixer Mute Control
1 = Mute
0 = No mute
10:8
B2SVOL
010 (0dB)
PCBEEP to Speaker Mixer Volume Control
000 = +6dB
… (+3dB steps)
111 = -15dB
7
B2M
1 (mute)
PCBEEP to Mono Mixer Mute Control
1 = Mute
0 = No mute
6:4
B2MVOL
010 (0dB)
PCBEEP to Mono Mixer Volume Control
000 = +6dB
… (+3dB steps)
111 = -15dB
Register 16h controls the analogue input pin PCBEEP.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
18h
15
V2H
1 (mute)
VXDAC to Headphone Mixer Mute Control
1 = Mute
0 = No mute
Audio Mixers,
Side Tone
Control
14:12
V2HVOL
010 (0dB)
VXDAC to Headphone Mixer Volume Control
000 = +6dB
… (+3dB steps)
111 = -15dB
11
V2S
1 (mute)
VXDAC to Speaker Mixer Mute Control
1 = Mute
0 = No mute
10:8
V2SVOL
010 (0dB)
VXDAC to Speaker Mixer Volume Control
000 = +6dB
… (+3dB steps)
111 = -15dB
7
V2M
1 (mute)
VXDAC to Mono Mixer Mute Control
1 = Mute
0 = No mute
6:4
V2MVOL
010 (0dB)
VXDAC to Mono Mixer Volume Control
000 = +6dB
… (+3dB steps)
111 = -15dB
Register 18h controls the output signal of the Voice DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com