Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 12Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 13Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 14Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 15Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 16Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 17Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 18Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 19Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
WM9714L
16
Rev 4.0
PCM AUDIO INTERFACE TIMING – MASTER MODE
PCMCLK
(Output)
PCMADC
PCMFS
(Output)
tDL
PCMDAC
tDDA
tDHT
tDST
Figure 8 Digital Audio Data Timing
– Master Mode (see Control Interface)
Test Conditions
DBVDD = 3.3V, DCVDD = 3.3V, DGND1 = DGND2 = 0V, TA = -25C to +85C, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
PCMFS propagation delay from PCMCLK falling edge
tDL
10
ns
PCMADC propagation delay from PCMCLK falling edge
tDDA
10
ns
PCMDAC setup time to PCMCLK rising edge
tDST
10
ns
PCMDAC hold time from PCMCLK rising edge
tDHT
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com