Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 65Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 66Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 67Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 68Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 69Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 70Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 71Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 72Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
WM9714L
Rev 4.0
69
ADDITIONAL FEATURES
BATTERY ALARM AND ANALOGUE COMPARATORS
The battery alarm function differs from battery measurement in that it does not actually measure the
battery voltage. Battery alarm only indicates “OK”, “Low” or “Dead”. The advantage of the battery
alarm function is that it does not require a clock and can therefore be used in low-power sleep or
standby modes.
AUX1/
COMP1
AUX2/
COMP2
+
-
-
+
V
REF
GPIO2/
IRQ
GPIO
PINS
DEAD
BAT
LOW
BAT
GPIO /
INTERRUPT
LOGIC
C
R2
R3
R1
V
BATT
WM9714L
I
ALARM
VOLTAGE
REGULATOR
AVDD, DCVDD, ...
Figure 25 Battery Alarm Example Schematic
The typical schematic for a dual threshold battery alarm is shown above. This alarm has two
thresholds, “dead battery” (COMP1) and “low battery” (COMP2). R1, R2 and R3 set the threshold
voltages. Their values can be up to about 1M
 in order to keep the battery current [I
ALARM = VBATT /
(R1+R2+R3)] to a minimum (higher resistor values may affect the accuracy of the system as leakage
currents into the input pins become significant).
Dead battery alarm: COMP1 triggers when VBATT < VREF  (R1+R2+R3) / (R2+R3)
A dead battery alarm is the highest priority of interrupt in the system. It should immediately save all
unsaved data and shut down the system. The GP15, GS15 and GW15 bits must be set to generate
this interrupt.
Low battery alarm: COMP2 triggers when VBATT < VREF  (R1+R2+R3) / R3
A low battery alarm has a lower priority than a dead battery alarm. Since the threshold voltage is
higher than for a dead battery alarm, there is enough power left in the battery to give the user a
warning and/or shut down “gracefully”. When V
BATT gets close to the low battery threshold, spurious
alarms are filtered out by the COMP2 delay function.
The purpose of the capacitor C is to remove from the comparator inputs any high frequency noise or
glitches that may be present on the battery (for example, noise generated by a charge pump). It forms
a low pass filter with R1, R2 and R3.
Low pass cutoff fc [Hz] = 1/ (2 C  (R1 || (R2+R3)))
Provided that the cutoff frequency is several orders of magnitude lower than the noise frequency fn,
this simple circuit can achieve excellent noise rejection.
Noise rejection [dB] = 20 log (fn / fc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com