Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 28Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 29Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 30Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 31Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 32Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 33Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 34Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 35Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
WM9714L
32
Rev 4.0
RECORD SELECTOR
The record selector determines which input signals are routed into the audio ADC. The left and right
channels can be selected independently. This is useful for recording a phone call: one channel can be
used for the RX signal and the other for the TX signal, so that both sides of the conversation are
digitized.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14h
Record
Routing /
Mux Select
6
RECBST
0
ADC Record Boost Control
1 = +20dB
0 = 0dB
Note: RECBST gain is in addition to the
microphone pre-amps (MPABST and
MPBBST bits) and record gain (GRL and
GRR / GRL bits).
5:3
RECSL
000
Left Record Mux Source Control
000 = MICA (pre-PGA)
001 = MICB (pre-PGA)
010 = LINEL (pre-PGA)
011 = MONOIN (pre-PGA)
100 = HPMIXL
101 = SPKMIC
110 = MONOMIX
111 = Reserved
2:0
RECSR
000
Right Record Mux Source Control
000 = MICA (pre-PGA)
001 = MICB (pre-PGA)
010 = LINEL (pre-PGA)
011 = MONOIN (pre-PGA)
100 = HPMIXL
101 = SPKMIC
110 = MONOMIX
111 = Reserved
Table 11 Audio Record Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com