Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 46 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 46 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 42Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 43Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 44Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 45Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 46Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 47Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 48Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 49Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
WM9714L
46
Rev 4.0
DUAL MIC OPERATION
Up to two microphones can be connected in a dual differential configuration. This is suitable for stereo
microphone or noise cancellation applications. Mic1 is connected between the MIC2A and MICCM
inputs and mic2 is connected between the MIC2B and MICCM inputs as shown in Figure 21.
Additionally, another microphone can be supported on MIC1 selected through the MPA input mux.
Note that the microphones can be connected in a single-ended configuration.
MICBIAS
Vmi
d
MICB
MIC2B
-
+
MPB
MPBEN
Vmi
d
MICA
MIC2A
-
+
MPA
MPAEN
Vmi
d
MICCM
-
+
R
R
WM9714L
R
MIC
1
MIC
2
Figure 21 Dual Microphone Configuration
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to
“Applications Information”
for recommended external components. The MICBIAS voltage can be altered via MBVOL in register
22h. When MBVOL=0, MICBIAS=0.9*AVDD and when MBVOL=1, MICBIAS=0.75*AVDD.
The microphone bias is driven to a dedicated MICBIAS pin 28 and is enabled by MPOP1EN in
register 22h. It can also be configured to drive out on GPIO8 pin 12 enabled by MPOP2EN in register
22h.
When not in use the microphone bias can be powered down using the Powerdown register bit
MICBIAS (register 3Eh, bit 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com