Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 95 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 95 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 91Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 92Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 93Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 94Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 95Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 96Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 97Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 98Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
WM9714L
Rev 4.0
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2Ch
all
DACSR
BB80h
Stereo DAC Sample Rate Control
1F40h = 8kHz
2B11h = 11.025kHz
2EE0h = 12kHz
3E80h = 16kHz
5622h = 22.05kHz
5DC0h = 24kHz
7D00h = 32kHz
AC44h = 44.1kHz
BB80h = 48kHz
Any other value defaults to the nearest supported
sample rate
Variable Rate
Audio /
Sample Rate
Conversion
2Eh
all
AUXDACSR
BB80h
AUXDAC Sample Rate Control
1F40h = 8kHz
2B11h = 11.025kHz
2EE0h = 12kHz
3E80h = 16kHz
5622h = 22.05kHz
5DC0h = 24kHz
7D00h = 32kHz
AC44h = 44.1kHz
BB80h = 48kHz
Any other value defaults to the nearest supported
sample rate
32h
all
ADCSR
BB80h
Stereo ADC Sample Rate Control
1F40h = 8kHz
2B11h = 11.025kHz
2EE0h = 12kHz
3E80h = 16kHz
5622h = 22.05kHz
5DC0h = 24kHz
7D00h = 32kHz
AC44h = 44.1kHz
BB80h = 48kHz
Any other value defaults to the nearest supported
sample rate
Note: The VRA bit in register 2Ah must be set first to obtain sample rates other than 48kHz
Registers 2Ch, 2Eh 32h and control the sample rates for the stereo DAC, auxiliary DAC and audio ADC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com