Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 75 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 75 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 71Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 72Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 73Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 74Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 75Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 76Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 77Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 78Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
WM9714L
Rev 4.0
75
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
56h
GPIO pins
function
select
2
GE2
1
GPIO2 (Pin 45) Function Control
0 = Pin 45 is not controlled by GPIO logic
1 = Pin 45 is controlled by GPIO logic
Note: When GE2=0,
set GC2=0 in 4Ch to output IRQ
4
GE4
1
GPIO4 (Pin 47) Function Control
0 = Pin 47 is not controlled by GPIO logic
1 = Pin 47 is controlled by GPIO logic
Note: When GE4=0,
set GC4=0 in 4Ch to output ADA
set GC4=1 in 4Ch to input MASK
5
GE5
1
GPIO5 (Pin 48) Function Control
0 = Pin 48 is not controlled by GPIO logic
1 = Pin 48 is controlled by GPIO logic
Note: When GE5=0,
set GC5=0 in 4Ch to output S/PDIF
6
GE6
1
GPIO6 (Pin 3) Function Control
0 = Pin 3 is not controlled by GPIO logic
1 = Pin 3 is controlled by GPIO logic
Note: When GE6=0,
set GC6=0 in 4Ch to output ADA signal
set GC6=1 in 4Ch to input MASK signal
8
GE8
1
GPIO8 (Pin 12) Function Control
0 = Pin 12 is not controlled by GPIO logic
1 = Pin 12 is controlled by GPIO logic
Note: When GE8=0,
set GC8=0 in 4Ch to output S/PDIF
Table 58 Using GPIO Pins for Non-GPIO Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com