Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/V Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 7Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 8Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 9Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 10Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 11Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 12Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 13Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 14Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
WM9714L
Rev 4.0
11
SIGNAL TIMING REQUIREMENTS
AC97 INTERFACE TIMING
CLOCK SPECIFICATIONS
BITCLK
SYNC
t
CLK_HIGH
t
CLK_LOW
t
CLK_PERIOD
t
SYNC_HIGH
t
SYNC_LOW
t
SYNC_PERIOD
Figure 1 Clock Specifications (50pF External Load)
Test Conditions
DBVDD = 3.3V, DCVDD = 3.3V, DGND1 = DGND2 = 0V, TA = -25C to +85C, unless otherwise
stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BITCLK frequency
12.288
MHz
BITCLK period
tCLK_PERIOD
81.4
ns
BITCLK output jitter
750
ps
BITCLK high pulse width (Note 1)
tCLK_HIGH
36
40.7
45
ns
BITCLK low pulse width (Note 1)
tCLK_LOW
36
40.7
45
ns
SYNC frequency
48
kHz
SYNC period
tSYNC_PERIOD
20.8
s
SYNC high pulse width
tSYNC_HIGH
1.3
s
SYNC low pulse width
tSYNC_LOW
19.5
s
Note:
1.
Worst case duty cycle restricted to 45/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com