Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 122 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 122 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 118Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 119Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 120Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 121Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 122Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 123Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 124Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 125Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 199 page
background image
7.6.2.65 PRBS_CTRL_1 Register (Address = 0x619) [reset = 0x574]
PRBS_CTRL_1 is shown in Table 7-88.
Return to the Summary Table.
Table 7-88. PRBS_CTRL_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R
2b00
Reserved
13
cfg_pkt_gen_64
R/W
1b0
Reserved
12
send_pkt
R/WMC,0
1b0
Enables generating MAC packet with fix/incremental data w CRC
(pkt_gen_en has to be set and cfg_pkt_gen_prbs has to be clear)
Cleared automatically when pkt_done is set
1b0 = Stop MAC packet
1b1 = Transmit MAC packet w CRC
11
RESERVED
R
1b0
Reserved
10-8
cfg_prbs_chk_sel
R/W
3b101
000 : Checker receives from RGMII TX 001 : Checker receives
SGMII TX 101 : Checker receives from Cu RX
3b000 = Checker receives from RGMII TX
3b001 = Checker receives SGMII TX
3b101 = Checker receives from Cu RX
7
RESERVED
R
1b0
Reserved
6-4
cfg_prbs_gen_sel
R/W
3b111
000 : PRBS transmits to RGMII RX 001 : PRBS transmits to SGMII
RX 101 : PRBS transmits to Cu TX
3b000 = PRBS transmits to RGMII RX
3b001 = PRBS transmits to SGMII RX
3b101 = PRBS transmits to Cu TX
3
cfg_prbs_cnt_mode
R/W
1b0
1 = Continuous mode, when one of the PRBS counters reaches max
value, pulse is generated and counter starts counting from zero
again 0 = Single mode, When one of the PRBS counters reaches
max value, PRBS checker stops counting.
1b0 = Single mode, When one of the PRBS counters reaches max
value, PRBS checker stops counting.
1b1 = Continuous mode, when one of the PRBS counters reaches
max value, pulse is generated and counter starts counting from zero
again
2
cfg_prbs_chk_enable
R/W
1b1
Enable PRBS checker xbar (to receive data) To be enabled for
counters in 0x63C, 0x63D, 0x63E to work
1b0 = Disable PRBS checker
1b1 = Enable PRBS checker
1
cfg_pkt_gen_prbs
R/W
1b0
If set: (1) When pkt_gen_en is set, PRBS packets are generated
continuously (3) When pkt_gen_en is cleared, PRBS RX checker is
still enabled If cleared: (1) When pkt_gen_en is set, non - PRBS
packet is generated (3) When pkt_gen_en is cleared, PRBS RX
checker is disabled as well
1b0 = Stop PRBS packet
1b1 = Transmit PRBS packet
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
122
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com