Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 177 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 177 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 173Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 174Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 175Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 176Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 177Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 178Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 179Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 180Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 199 page
background image
7.6.2.119 OAM_RECEIVE Register (Address = 0x3909) [reset = 0x0]
OAM_RECEIVE is shown in Table 7-142.
Return to the Summary Table.
Table 7-142. OAM_RECEIVE Register Field Descriptions
Bit
Field
Type
Reset
Description
15
mr_rx_lp_valid
R
1b0
This bit is used to indicate message data in registers 3.2313.11:8,
3.2314, 3.2315, 3.2316, and 3.2317 are stored and ready to be read.
This bit shall self clear when register 3.2317 is read. 1 = Message
data in registers are valid 0 = Message data in registers are not valid
Note - 0x3 added in [15:12] to differentiate
1b0 = Message data in registers are not valid
1b1 = Message data in registers are valid
14
mr_rx_lp_toggle
R
1b0
Toggle value received with message Note - 0x3 added in [15:12] to
differentiate
13-12
RESERVED
R
2b00
Reserved
11-8
mr_rx_lp_message_num
R
4b0000
Message number from link partner Note - 0x3 added in [15:12] to
differentiate
7-2
RESERVED
R
6b000000
Reserved
1-0
mr_rx_lp_SNR
R
2b00
00 = Link partner link is failing and will drop link and relink within 2
ms to 4 ms after the end of the current 1000BASE-T1 OAM frame.
01 = LPI refresh is insufficient to maintain link partner SNR. Link
partner requests local device to exit LPI and send idles (used only
when EEE is enabled). 10 = Link partner SNR is marginal. 11 = Link
partner SNR is good Note - 0x3 added in [15:12] to differentiate
2b00 = Link partner link is failing and will drop link and relink within 2
ms to 4 ms after the end of the current 1000BASE-T1 OAM frame.
2b01 = LPI refresh is insufficient to maintain link partner SNR. Link
partner requests local device to exit LPI and send idles (used only
when EEE is enabled).
2b10 = Link partner SNR is marginal.
2b11 = Link partner SNR is good
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com