| Electronic Components Datasheet Search |
|
HB28D032MM2 Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 33 of 88 Card identification mode All the data communication in the card identification mode uses only the command line (CMD). Idle state (idle) CMD0 CMD15 CMD1 Inactive state Ready state (ready) CMD2 Identification state (ident) CMD3 Stand-by state (stby) card wins bus (ina) from all states except (ina) from all states in data-transfer mode Power on card looses bus card is busy or host omitted voltage range cards with non-compatible voltage range data-transfer mode card-identification mode MultiMediaCard State Diagram (Card Identification Mode) The host starts the card identification process in open drain mode with the identification clock rate f OD (generated by a push pull driver stage). The open drain driver stages on the CMD line allow the parallel card operation during card identification. After the bus is activated the host will request the cards to send their valid operation conditions with the command SEND_OP_COND (CMD1). Since the bus is in open drain mode, as long as there is more than one card with operating conditions restrictions, the host gets in the response to the CMD1 a “wired or” operation condition restrictions of those cards. The host then must pick a common denominator for operation and notify the application that cards with out of range parameters (from the host perspective) are connected to the bus. Incompatible cards go into Inactive State (refer to also Chapter “Operating Voltage Range Validation”). The busy bit in the CMD1 response can be used by a card to tell the host that it is still working on its power-up/reset procedure (e.g. downloading the register information from memory field) and is not ready yet for communication. In this case the host must repeat CMD1 until the busy bit is cleared. After an operating mode is established, the host asks all cards for their unique card identification (CID) number with the broadcast command ALL_SEND_CID (CMD2). All not already identified cards (i.e. those which are in Ready State) simultaneously start sending their CID numbers serially, while bit-wise monitoring their outgoing bitstream. Those cards, whose outgoing CID bits do not match the corresponding bits on the command line in any one of the bit periods, stop sending |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |