Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 60Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 61Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 62Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 63Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 64Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 65Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 66Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 67Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 62 of 88
CMD index SPI mode Argument
Resp Abbreviation
Command description
CMD24
Yes
[31:0] data
address
R1
WRITE_BLOCK
Writes a block. The write-block-length of
the Hitachi MultiMediaCard is permanently
assigned to the value 512 bytes.*
4
CMD25
Yes
[31:0] data
address
R1
WRITE_MULTIPL
E_BLOCK
continuously writes blocks of data until a
“Stop Tran” token or the requested
number of block received.
CMD26
No
CMD27
Yes
None
R1
PROGRAM_CSD
programming of the programmable bits of
the CSD.
CMD28
Yes
[31:0] data
address
R1b*
3
SET_WRITE_
PROT
if the card has write protection features,
this command sets the write protection bit
of the addressed group. The properties of
write protection are coded in the card
specific data (WP_GRP_SIZE).
CMD29
Yes
[31:0] data
address
R1b
CLR_WRITE_
PROT
if the card has write protection features,
this command clears the write protection
bit of the addressed group.
CMD30
Yes
[31:0] write
protect data
address
R1
SEND_WRITE_
PROT
if the card has write protection features,
this command asks the card to send the
status of the write protection bits.*
5
CMD31
reserved
CMD32
Yes
[31:0] data
address
R1
TAG_SECTOR_
START
sets the address of the first sector of the
erase group.*
6
CMD33
Yes
[31:0] data
address
R1
TAG_SECTOR_
END
sets the address of the last sector in a
continuous range within the selected
erase group, or the address of a single
sector to be selected for erase.*
6
CMD34
Yes
[31:0] data
address
R1
UNTAG_SECTOR removes one previously selected sector
from the erase selection.*
6
CMD35
Yes
[31:0] data
address
R1
TAG_ERASE_
GROUP_START
sets the address of the first erase group
within a range to be selected for erase
CMD36
Yes
[31:0] data
address
R1
TAG_ERASE_
GROUP_END
sets the address of the last erase group
within a continuous range to be selected
for erase
CMD37
Yes
[31:0] data
address
R1
UNTAG_ERASE_
GROUP
removes one previously selected erase
group from the erase selection*
6
CMD38
Yes
[31:0] stuff
bits
R1b
ERASE
erases all previously selected sectors
CMD39
No
CMD40
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com